Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS3-B2-G23-G32-10 Datasheet(PDF) 6 Page - Astec America, Inc

Part # VS3-B2-G23-G32-10
Description  1000 - 2500 Watts
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

VS3-B2-G23-G32-10 Datasheet(HTML) 6 Page - Astec America, Inc

  VS3-B2-G23-G32-10 Datasheet HTML 1Page - Astec America, Inc VS3-B2-G23-G32-10 Datasheet HTML 2Page - Astec America, Inc VS3-B2-G23-G32-10 Datasheet HTML 3Page - Astec America, Inc VS3-B2-G23-G32-10 Datasheet HTML 4Page - Astec America, Inc VS3-B2-G23-G32-10 Datasheet HTML 5Page - Astec America, Inc VS3-B2-G23-G32-10 Datasheet HTML 6Page - Astec America, Inc VS3-B2-G23-G32-10 Datasheet HTML 7Page - Astec America, Inc VS3-B2-G23-G32-10 Datasheet HTML 8Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7.90 ± 0.05
(200.66 ± 1.27)
2.04 ± .05
(51.82 ± 1.27)
3.49 ± .10
(88.65 ± 2.54)
4.94 ± .10
(125.48 ± 2.54)
6.39 ± .10
(162.31 ± 2.54)
5.00
(127.03)
MAX
J1
AC High
Neutral
Ground
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
6
www.astecpower.com
6.750 ± .020
(171.450 ± .50)
.750 ± .050
(19.05 ± 1.27)
1.067 ± .050
(27.099 ± 1.270)
5.750 ± .020
(146.050 ± .508)
8-32 UNC-2B
Threaded
Insert, 4 Places
Max penetration:
0.150 (3.81)
1.2
AC Main Input
6.750 ± .020
(171.45 ± .50)
.27 ± .05
(6.86 ± 1.27)
.750 ± .050
(19.05 ± 1.27)
.500 ± .050
(12.70 ± 1.27)
4.000 ± .020
(101.60 ± .50)
11.00 ± .05
(279.31 ± 1.27)
.94
23.89) MAX
8-32 UNC-2B
Threaded Insert, 4 Plac
Like Pattern Opposite S
Max penetration: 0.150
1.2
STD AIR FLOW
DRAWINGS • VS3 & VS8 • 1000-2500 WATTS
VS3
VS8
N
J1
7.90 ± 0.05
(200.66 ± 1.27)
2.04 ± .05
(51.82 ± 1.27)
3.49 ± .10
(88.65 ± 2.54)
4.94 ± .10
(125.48 ± 2.54)
6.39 ± .10
(162.31 ± 2.54)
5.00
(127.03)
MAX
AC Phase A
AC Phase B
AC Phase C
AC Ground
8-inch Case Size (5” x 8” x 11”)
(18 lbs. / 8.2 kg. maximum)
Bottom
Back
Side
Input
Module
69-825-410 Rev C
12.01.04
Input
Module


Similar Part No. - VS3-B2-G23-G32-10

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
VS3-B2-G23-G32-10 EMERSON-NETWORKPOWER-VS3-B2-G23-G32-10 Datasheet
346Kb / 8P
   VS Series
More results

Similar Description - VS3-B2-G23-G32-10

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TSA-213243 TELEDYNE-TSA-213243 Datasheet
172Kb / 2P
   1000 TO 2500 MHz, 40 WATTS HIGH POWER GaN AMPLIFIER
logo
Mallory Sonalert Produc...
PS-593SCQ MSPI-PS-593SCQ Datasheet
106Kb / 1P
   Resonant Frequency (Hz) 2500 ± 1000
logo
Powerbox
PBSP-110I POWERBOX-PBSP-110I Datasheet
224Kb / 1P
   110VDC, 2500 WATTS RAILWAY DC/AC INVERTER
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
   2500 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Fujitsu Component Limit...
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
logo
Teledyne Technologies I...
A2CP2596 TELEDYNE-A2CP2596 Datasheet
438Kb / 4P
   20 TO 2500 MHz, 3 WATTS COUGARPAK??AMPLIFIER
logo
Stealth Microwave, Inc.
SM1025-37MQ2 STEALTH_MICROWAVE-SM1025-37MQ2 Datasheet
96Kb / 4P
   1000-2500 MHz 5 Watt Linear Power Amplifier
logo
Teledyne Technologies I...
AC2554 TELEDYNE-AC2554 Datasheet
131Kb / 1P
   1000 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
logo
Stealth Microwave, Inc.
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com