Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSTH-90S-L Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # FSTH-90S-L
Description  400 / 500 MHz Band Chip Multilayer Coupler
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSTH-90S-L Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  FSTH-90S-L Datasheet HTML 1Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HITACHI
METALS
4
400 / 500 MHz Band Chip Multilayer Coupler
Model No. FSTH-90S-[ ]
Equivalent Circuits
Specifications
Typical Data
Shape & Size
0.25dB Max.
35dB Typ.
5W Max
Range
Frequency
Handling
Power
Temperature
Range
-30 ~ +85
deg.C
Coupling
20.5+/-2dB
20.0+/-2dB
402-470
MHz
0
0.2
0.4
(dB)
400
475
550
Frequency (MHz)
0
10
20
30
40
(dB)
Insertion Loss
Coupling
Isolation
Frequency (MHz)
0
10
20
30
40
(dB)
Return Loss
3
1
6
Insertion
Loss
0.3dB Max.
450-520
MHz
400
475
550
Coupling Port
In
Isolation Port
Ground
unit (mm)
4:
3:
1:
2,5:
Out
6:
1.6
5
4
3
1
2
6
1.1
LC-FSTH-90S-LM-0406A
Isolation Return Loss
17.7dB Min
(20.8dB Typ.)
P/N
FSTH-90S-L
FSTH-90S-M


Similar Part No. - FSTH-90S-L

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSTH-90S-A HITACHI-METALS-FSTH-90S-A Datasheet
27Kb / 1P
   800 / 900 MHz Band Chip Multilayer Coupler
FSTH-90S-G HITACHI-METALS-FSTH-90S-G Datasheet
27Kb / 1P
   800 / 900 MHz Band Chip Multilayer Coupler
FSTH-90S-P HITACHI-METALS-FSTH-90S-P Datasheet
27Kb / 1P
   800 / 900 MHz Band Chip Multilayer Coupler
More results

Similar Description - FSTH-90S-L

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSTH-90S-A HITACHI-METALS-FSTH-90S-A Datasheet
27Kb / 1P
   800 / 900 MHz Band Chip Multilayer Coupler
FSLC-190SN HITACHI-METALS-FSLC-190SN Datasheet
27Kb / 1P
   1.8 / 1.9 GHz Band Chip Multilayer Coupler
FSLC-220SN HITACHI-METALS-FSLC-220SN Datasheet
63Kb / 3P
   3216 Size 2GHz Band Chip Multilayer Coupler
FSLC-S190N-W HITACHI-METALS-FSLC-S190N-W Datasheet
56Kb / 4P
   2012 Size 1.92/1.98GHz Band Chip Multilayer Coupler
FSLC-S190E-W HITACHI-METALS-FSLC-S190E-W Datasheet
56Kb / 4P
   2012 Size 1.92/1.98GHz Band Chip Multilayer Coupler
FSTH-38R HITACHI-METALS-FSTH-38R Datasheet
22Kb / 1P
   300 / 400 MHz Band Chip 0 deg. Splitter / Combiner
FSLC-S090M-G1 HITACHI-METALS-FSLC-S090M-G1 Datasheet
55Kb / 4P
   2012 Size 869/915 MHz Chip Multilayer Coupler
FSLC-S090T-P HITACHI-METALS-FSLC-S090T-P Datasheet
55Kb / 4P
   2012 Size 925/960 MHz Chip Multilayer Coupler
FSLC-S190N HITACHI-METALS-FSLC-S190N Datasheet
42Kb / 4P
   2012 Size 1850/1910 MHz Chip Multilayer Coupler
FSLC-S090S-A HITACHI-METALS-FSLC-S090S-A Datasheet
43Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com