Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTL-327G Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTL-327G
Description  LOW POWER CONSUMPTION 8mm DIAMETER BIG LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-327G Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTL-327G Datasheet HTML 1Page - Lite-On Technology Corporation LTL-327G Datasheet HTML 2Page - Lite-On Technology Corporation LTL-327G Datasheet HTML 3Page - Lite-On Technology Corporation LTL-327G Datasheet HTML 4Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
  
       

 

   

 
  


 !"#$
$%&& 
$
' (
)   *+ ,
" -".*-)-/,  + 
!0   & )-*-1/,2
1   ++ &+3
.4&  5++ 
0'( !"#$
0()&1
6'4 7% )!)1


Similar Part No. - LTL-327G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL-3201A LITEON-LTL-3201A Datasheet
252Kb / 4P
   2x5 Rectangular Bar LED Lamps
LTL-3211A LITEON-LTL-3211A Datasheet
252Kb / 4P
   2x5 Rectangular Bar LED Lamps
LTL-3221A LITEON-LTL-3221A Datasheet
252Kb / 4P
   2x5 Rectangular Bar LED Lamps
LTL-3231A LITEON-LTL-3231A Datasheet
252Kb / 4P
   2x5 Rectangular Bar LED Lamps
LTL-3231ADG LITEON-LTL-3231ADG Datasheet
413Kb / 5P
   Through Hole Lamp
More results

Similar Description - LTL-327G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTJ-811Y LITEON-LTJ-811Y Datasheet
129Kb / 5P
   0.8 inch (20.0mm) DIAMETER BIG LAMP
logo
Kingbright Corporation
DLA-6ID KINGBRIGHT-DLA-6ID Datasheet
178Kb / 4P
   20mm BIG LAMP
DLA-6YD KINGBRIGHT-DLA-6YD Datasheet
177Kb / 4P
   20mm BIG LAMP
DLC-6SGD KINGBRIGHT-DLC-6SGD Datasheet
175Kb / 4P
   20mm BIG LAMP
logo
SunLED Corporation
FUR20D6A SUNLED-FUR20D6A Datasheet
188Kb / 4P
   20mm BIG LAMP
FUR20D6C SUNLED-FUR20D6C Datasheet
188Kb / 4P
   20mm BIG LAMP
logo
Kingbright Corporation
DLC-6MBD KINGBRIGHT-DLC-6MBD Datasheet
151Kb / 3P
   20mm BIG LAMP
logo
SunLED Corporation
FMG20D6C SUNLED-FMG20D6C Datasheet
193Kb / 4P
   20mm BIG LAMP
FUY20D6A SUNLED-FUY20D6A Datasheet
189Kb / 4P
   20mm BIG LAMP
logo
Kingbright Corporation
DLA-6GD KINGBRIGHT-DLA-6GD Datasheet
177Kb / 4P
   20mm BIG LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com