Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN761681DBTRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN761681DBTRG4
Description  TV TUNER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761681DBTRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN761681DBTRG4 Datasheet HTML 1Page - Texas Instruments SN761681DBTRG4 Datasheet HTML 2Page - Texas Instruments SN761681DBTRG4 Datasheet HTML 3Page - Texas Instruments SN761681DBTRG4 Datasheet HTML 4Page - Texas Instruments SN761681DBTRG4 Datasheet HTML 5Page - Texas Instruments SN761681DBTRG4 Datasheet HTML 6Page - Texas Instruments SN761681DBTRG4 Datasheet HTML 7Page - Texas Instruments SN761681DBTRG4 Datasheet HTML 8Page - Texas Instruments SN761681DBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
Pin Assignments
19
S0159-01
150 kW
50 kW
20
S0133-03
SN761681
TV TUNER IC
SLES165 – DECEMBER 2005
Pin Description
TERMINAL
DESCRIPTION
SCHEMATIC
NAME
NO.
ADC
20
ADC input
Figure 1
AS
19
Address selection input
Figure 2
BS1
22
Band switch1 output (NPN emitter follower)
Figure 3
BS2
23
Band switch2 output (NPN emitter follower)
Figure 3
BS3
21
Band switch3 output (NPN emitter follower)
Figure 3
BS4
24
Band switch4 output (NPN emitter follower)
Figure 3
CP
14
Charge pump output
Figure 4
IF GND
10
IF ground
IF OUT1
12
IF output
Figure 5
IF OUT2
13
IF output
Figure 5
MIX OUT1
25
Mixer output
Figure 6
MIX OUT2
26
Mixer output
Figure 6
OSC GND
3
Oscillator ground
RF GND
27
RF ground
SCL
17
Serial clock input
Figure 7
SDA
18
Serial data input/output
Figure 8
UHF OSC B1
6
UHF oscillator base1
Figure 9
UHF OSC B2
9
UHF oscillator base2
Figure 9
UHF OSC C1
7
UHF oscillator collector1
Figure 9
UHF OSC C2
8
UHF oscillator collector2
Figure 9
UHF RF IN1
29
UHF RF input
Figure 10
UHF RF IN2
30
UHF RF input
Figure 10
VCC
11
Supply voltage for mixer/oscillator/PLL: 5-V
VHF RF IN
28
VHF RF input
Figure 11
VHI OSC B
2
VHF HIGH oscillator base
Figure 12
VHI OSC C
1
VHF HIGH oscillator collector
Figure 12
VLO OSC B
5
VHF LOW oscillator base
Figure 13
VLO OSC C
4
VHF LOW oscillator collector
Figure 13
VTU
15
Tuning voltage amplifier output
Figure 14
XTAL
16
4-MHz crystal oscillator input
Figure 15
Figure 1.
Figure 2.
3


Similar Part No. - SN761681DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDA TI-SN761683BDA Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDAG4 TI-SN761683BDAG4 Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDAR TI-SN761683BDAR Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDARG4 TI-SN761683BDARG4 Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761681DBTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com