Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN1382-RTX Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # MN1382-RTX
Description  CMOS LSIs for Voltage Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN1382-RTX Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button MN1382-RTX Datasheet HTML 3Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 4Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 5Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 6Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 7Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 8Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 9Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 10Page - Panasonic Semiconductor MN1382-RTX Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Microcomputer Peripheral LSIs
MN1380 Series
Description of Operation
Notes
1: Output cannot be specified for power supply voltages under 1.5 V because operation is not guaranteed for that range.
2: VDL: Detection voltage for drop in power supply voltage
VDH: Detection voltage for rise in power supply voltage
tOL : Time lag between the time that the power supply voltage reaches the detection voltage (VDL or VDH) and the time that the
output pin (OUT) goes to "L" level.
tOH : Time lag between the time that the power supply voltage reaches the detection voltage (VDL or VDH) and the time that
the output pin (OUT) goes to "H" level.
3: These characteristics for the N-channel open drain output are when a load resistor is connected between the OUT and VDD
pins.
Figure 1. Description of Operation
VDD
VDH
VDL
1.5V
0V
0V
0V
VOUT
VOUT
CMOS output, N-channel
open drain output
MN1380/1381/1382
MN13801/13811/13821
MN13802/13812/13822
Inverted CMOS
output Figure
tOH
tOH
tOH
tOH
tOL
tOL
tOL
tOL
t
t
t


Similar Part No. - MN1382-RTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN1300 ETC2-MN1300 Datasheet
275Kb / 5P
   Alkaline-Manganese Dioxide Battery
More results

Similar Description - MN1382-RTX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
LC7070N SANYO-LC7070N Datasheet
195Kb / 8P
   Sync and Error Detection & Correction LSIs for RDS
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, LSI for Supply Voltage Detection
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
   Melody LSIs
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
   Melody LSIs
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
SM1155 NPC-SM1155 Datasheet
75Kb / 7P
   Melody LSIs
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
   Melody LSIs
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com