Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN61113S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN61113S
Description  2K-Bit EEPROMs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN61113S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN61113S Datasheet HTML 1Page - Panasonic Semiconductor MN61113S Datasheet HTML 2Page - Panasonic Semiconductor MN61113S Datasheet HTML 3Page - Panasonic Semiconductor MN61113S Datasheet HTML 4Page - Panasonic Semiconductor MN61113S Datasheet HTML 5Page - Panasonic Semiconductor MN61113S Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
EEPROMs
MN61113, MN61113S
Electrical Characteristics
VCC=2.6 to 3.5V, Ta=–10˚C to +60˚C
Parameter
Symbol
Test Conditions
3 Volt Operation
Unit
min
max
Power supply voltage
VCC
Read mode
2.6
3.5
V
Program mode
3.0
3.5
"L" level input leakage current
ILIL
CE pin
–50
µA
Other pins
–10
10
"H" level input leakage current
ILIH
PGM, CLK, and RST pins
–20
µA
Other pins
–10
10
Output leakage current
ILO
—10
µA
"L" level input voltage
VIL
– 0.1
0.2
V
VCC
"H" level input voltage
VIH
0.8
VCC
V
VCC
+0.3
VCC power supply current
ICC
Read mode
500
(during operation)
CLK;f=250kHz
µA
Program mode
2000
VCC power supply current
ISB
CE = VCC+ 0.3 V;
—20
(during standby)
RST and PGM pins at VCC;
µA
CLK pin open
"L" level output voltage
VOL
IOL=400µA
0.3
V
"H" level output voltage
VOH
IOH=10µA
VCC
—V
– 0.3
Pin Descriptions
Pin No.
Symbol
Pin Name
1
DATA
Data I/O
2
CE
Chip enable
3VCC
Power supply voltage
4
GND
Ground
5
PGM
Program
6
CLK
Clock input
7
RST
Reset input
8
OE
Output enable


Similar Part No. - MN61113S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MN611S SANKEN-MN611S Datasheet
42Kb / 1P
   Power Transistor
More results

Similar Description - MN61113S

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK24LC02B KODENSHI-KK24LC02B Datasheet
265Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
Integral Corp.
IN24LC02B INTEGRAL-IN24LC02B Datasheet
246Kb / 10P
   2K 2.5V CMOS Serial EEPROMs
logo
ATMEL Corporation
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
Microchip Technology
24AA02UID MICROCHIP-24AA02UID Datasheet
631Kb / 30P
   2K I2C??Serial EEPROMs with Unique 32-bit Serial Number
2013
logo
ATMEL Corporation
AT28C16 ATMEL-AT28C16 Datasheet
247Kb / 12P
   16K (2K x 8) Parallel EEPROMs
logo
Rohm
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
logo
ATMEL Corporation
AT25040A ATMEL-AT25040A Datasheet
392Kb / 18P
   SPI Serial Extended TEMPERATURE EEPROMS 1K 2K 4K
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
   2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com