Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN13811-RTX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MN13811-RTX
Description  CMOS LSIs for Voltage Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13811-RTX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MN13811-RTX Datasheet HTML 1Page - Panasonic Semiconductor MN13811-RTX Datasheet HTML 2Page - Panasonic Semiconductor MN13811-RTX Datasheet HTML 3Page - Panasonic Semiconductor MN13811-RTX Datasheet HTML 4Page - Panasonic Semiconductor MN13811-RTX Datasheet HTML 5Page - Panasonic Semiconductor MN13811-RTX Datasheet HTML 6Page - Panasonic Semiconductor MN13811-RTX Datasheet HTML 7Page - Panasonic Semiconductor MN13811-RTX Datasheet HTML 8Page - Panasonic Semiconductor MN13811-RTX Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Microcomputer Peripheral LSIs
MN1380 Series
CMOS LSIs for Voltage Detection
Overview
The MN1380 series are elements that monitor the power
supply voltage supplied to microcomputers and other LSI
systems and issue reset signals for initializing the system
after the power is first applied or for preventing runaway
operation when the supply voltage fluctuates.
There is a choice of three output types: CMOS output,
N-channel open drain output, and inverted CMOS out-
put. There are also three package types: M, TO-92, and a
mini type for surface mounting.
Choose the ideal element for your application from the
series' wide selection of detection ranks (17 ranks between
2.0 and 4.9 volts), output types, and package types.
Features
Three-pin element requiring no adjustment
Wide selection of detection ranks (17 ranks between
2.0 and 4.9 volts)
Highly precise detection voltage
Detection voltage with hysteresis characteristic
∆VD = 50 mV for ranks C to K
∆VD = 100 mV for ranks L to U
Low current consumption: IDD = 1µA (typ.) for VDD
= 5 V
Low fluctuation in detection voltage with tempera-
ture (typ. 1 mV/˚C)
Wide selection of output types: CMOS output, N-
channel open drain output, and inverted CMOS
output
Wide selection of package types: M, TO-92, and a
mini type for surface mounting.
Applications
Battery checkers
Power outage detectors
Level discriminators
Memory backup systems
Microcomputer reset circuits
Reset circuits for other electronic circuits
Pin Assignment
M type package
3
21
23
MN1380 - R
1381
23R
12
3
1
2
3
LCR
TO-92 type package
Mini type package
1=OUT
2=VDD
3=VSS


Similar Part No. - MN13811-RTX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MN1300 ETC2-MN1300 Datasheet
275Kb / 5P
   Alkaline-Manganese Dioxide Battery
More results

Similar Description - MN13811-RTX

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
LC7070N SANYO-LC7070N Datasheet
195Kb / 8P
   Sync and Error Detection & Correction LSIs for RDS
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, LSI for Supply Voltage Detection
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
   Melody LSIs
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
   Melody LSIs
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
SM1155 NPC-SM1155 Datasheet
75Kb / 7P
   Melody LSIs
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
   Melody LSIs
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-800J AVAGO-HCPL-800J Datasheet
503Kb / 18P
   Under-Voltage Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com