Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1157BCUI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1157BCUI
Description  14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1157BCUI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1157BCUI Datasheet HTML 4Page - Maxim Integrated Products MAX1157BCUI Datasheet HTML 5Page - Maxim Integrated Products MAX1157BCUI Datasheet HTML 6Page - Maxim Integrated Products MAX1157BCUI Datasheet HTML 7Page - Maxim Integrated Products MAX1157BCUI Datasheet HTML 8Page - Maxim Integrated Products MAX1157BCUI Datasheet HTML 9Page - Maxim Integrated Products MAX1157BCUI Datasheet HTML 10Page - Maxim Integrated Products MAX1157BCUI Datasheet HTML 11Page - Maxim Integrated Products MAX1157BCUI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Track and Hold (T/H)
In track mode, the internal hold capacitor acquires the
analog signal (see Figure 4). In hold mode, the T/H
switches open and the capacitive DAC samples the
analog input. During the acquisition, the analog input
(AIN) charges capacitor CHOLD. The acquisition ends
on the second falling edge of CS. At this instant, the
T/H switches open. The retained charge on CHOLD rep-
resents a sample of the input. In hold mode, the capac-
itive DAC adjusts during the remainder of the
conversion time to restore node T/H OUT to zero within
the limits of 14-bit resolution. Force CS low to put valid
data on the bus after conversion is complete.
Power-Down Modes
Select standby mode or shutdown mode with R/C during
the second falling edge of CS (see Selecting Standby or
Shutdown Mode section). The MAX1157/MAX1159/
MAX1175 automatically enter either standby mode (refer-
ence and buffer on), or shutdown (reference and buffer
off) after each conversion depending on the status of
R/C during the second falling edge of CS.
Internal Clock
The MAX1157/MAX1159/MAX1175 generate an internal
conversion clock to free the microprocessor from the bur-
den of running the SAR conversion clock. Total conver-
sion time after entering hold mode (second falling edge
of CS) to end-of-conversion (EOC) falling is 4.7µs (max).
Applications Information
Starting a Conversion
CS and R/C control acquisition and conversion in the
MAX1157/MAX1159/MAX1175 (see Figure 2). The first
falling edge of CS powers up the device and puts it in
acquire mode if R/C is low. The convert start CS is
ignored if R/C is high. The MAX1157/MAX1159/
MAX1175 need at least 6ms (CREFADJ = 0.1µF, CREF =
10µF) for the internal reference to wake up and settle
before starting the conversion if powering up from shut-
down. Reset the MAX1157/MAX1159/MAX1175 by tog-
gling RESET with CS high. The next falling edge of CS
begins acquisition.
Selecting Standby or Shutdown Mode
The MAX1157/MAX1159/MAX1175 have a selectable
standby or low-power shutdown mode. In standby
mode, the ADC’s internal reference and reference
buffer do not power down between conversions, elimi-
nating the need to wait for the reference to power up
before performing the next conversion. Shutdown mode
14-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
8
_______________________________________________________________________________________
Figure 2. MAX1157/MAX1159/MAX1175 Timing Diagram
tCSL
tCSH
tACQ
tDH
R/C
CS
EOC
D0–D13
tDS
tDV
tEOC
tDO
tBR
tCONV
HIGH-Z
REF POWER-
DOWN CONTROL
HIGH-Z
DATA VALID
Figure 3. Typical Application Circuit for the MAX1157/MAX1159/
MAX1175
MAX1157
MAX1159
MAX1175
ANALOG
INPUT
AIN
AVDD
+5V ANALOG
+5V DIGITAL
DVDD
D0–D13
14-BIT
WIDE
µP DATA
BUS
10
µF
0.1
µF
0.1
µF
0.1
µF
R/C
CS
AGND DGND
REFADJ
REF
EOC
RESET


Similar Part No. - MAX1157BCUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115 MAXIM-MAX115 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX1150 MAXIM-MAX1150 Datasheet
77Kb / 8P
   8-Bit, 500Msps Flash ADC
19-1169; Rev 0; 12/96
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
   Three-Channel, High-Definition Video Filter
Rev 0; 1/08
MAX11500 MAXIM-MAX11500 Datasheet
130Kb / 6P
   Surface-Mount Components
Rev 0; 8/07
More results

Similar Description - MAX1157BCUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
MAX1144 MAXIM-MAX1144 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
19-2465; Rev 0; 4/02
MAX1144-MAX1145 MAXIM-MAX1144-MAX1145 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
Rev 0; 4/02
logo
Texas Instruments
ADS1203 TI1-ADS1203_14 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com