Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2868F Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2868F
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2868F Datasheet(HTML) 4 Page - New Japan Radio

  NJM2868F Datasheet HTML 1Page - New Japan Radio NJM2868F Datasheet HTML 2Page - New Japan Radio NJM2868F Datasheet HTML 3Page - New Japan Radio NJM2868F Datasheet HTML 4Page - New Japan Radio NJM2868F Datasheet HTML 5Page - New Japan Radio NJM2868F Datasheet HTML 6Page - New Japan Radio NJM2868F Datasheet HTML 7Page - New Japan Radio NJM2868F Datasheet HTML 8Page - New Japan Radio NJM2868F Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NJM2867/68
- 4 -
Ver.2004-12-22
TYPICALAPPLICATION
1
In the case where ON/OFF Control is not required:
NJM2867/68
VIN
VOUT
CONTROL
GND
0.1
µF
VOUT
VIN
R
(0~300k
Ω)
0.1
µF *5
*5 2.3V<Vo
≤2.8V version: Co=0.22µF
Vo
≤2.3V version: 0.47µF
Connect control terminal to VIN terminal
The quiescent current can be reduced by using a resistance “R”. Instead, it increases the minimum operating
voltage. For further information, please refer to Figure “Output Voltage vs. Control Voltage”.
2
In use of ON/OFF CONTROL:
NJM2867/68
VIN
VOUT
CONTROL
GND
0.1
µF
VOUT
VIN
R
0.1
µF *5
*5 2.3V<Vo
≤2.8V version: Co=0.22µF
Vo
≤2.3V version: 0.47µF
State of control terminal:
•“H”→ output is enabled.
•“L” or “open” → output is disabled.


Similar Part No. - NJM2868F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2860 NJRC-NJM2860 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3 NJRC-NJM2860F3 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3-33-TE1 NJRC-NJM2860F3-33-TE1 Datasheet
290Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861 NJRC-NJM2861 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861F03 NJRC-NJM2861F03 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2868F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com