Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2868 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJM2868
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2868 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJM2868 Datasheet HTML 2Page - New Japan Radio NJM2868 Datasheet HTML 3Page - New Japan Radio NJM2868 Datasheet HTML 4Page - New Japan Radio NJM2868 Datasheet HTML 5Page - New Japan Radio NJM2868 Datasheet HTML 6Page - New Japan Radio NJM2868 Datasheet HTML 7Page - New Japan Radio NJM2868 Datasheet HTML 8Page - New Japan Radio NJM2868 Datasheet HTML 9Page - New Japan Radio NJM2868 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NJM2867/68
- 10 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
2.85
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
-250
-200
-150
-100
-50
0
50
100
150
0
40
80
120
160
200
NJM2867/68_3.0V
Load Transient Response
Time : t [
µµµµS]
Output Current
Output Voltage
@:Ta=25
oC
VDD=4.0V
Co=0.1
µF(Ceramic)
2.94
2.96
2.98
3
3.02
3.04
3.06
3.08
3.1
-1
0
1
2
3
4
5
6
7
0
40
80
120
160
200
NJM2867/68_3.0V
Line Transient Response
Time : t [
µµµµS]
Input Voltage
Output Voltage
@:Ta=25
oC
VDD=4.0V
Co=0.1
µF(Ceramic)
Io=30mA
[CAUTION]
The specifications on this databook are only
given for information , without any guarantee
as regards either mistakes or omissions. The
application circuits in this databook are
described only to show representative usages
of the product and not intended for the
guarantee or permission of any right including
the industrial rights.


Similar Part No. - NJM2868

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2860 NJRC-NJM2860 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3 NJRC-NJM2860F3 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3-33-TE1 NJRC-NJM2860F3-33-TE1 Datasheet
290Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861 NJRC-NJM2861 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861F03 NJRC-NJM2861F03 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2868

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com