Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV123A-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV123A-Q1
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT - TRIGGER INPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV123A-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV123A-Q1 Datasheet HTML 1Page - Texas Instruments SN74LV123A-Q1 Datasheet HTML 2Page - Texas Instruments SN74LV123A-Q1 Datasheet HTML 3Page - Texas Instruments SN74LV123A-Q1 Datasheet HTML 4Page - Texas Instruments SN74LV123A-Q1 Datasheet HTML 5Page - Texas Instruments SN74LV123A-Q1 Datasheet HTML 6Page - Texas Instruments SN74LV123A-Q1 Datasheet HTML 7Page - Texas Instruments SN74LV123A-Q1 Datasheet HTML 8Page - Texas Instruments SN74LV123A-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74LV123AQ1
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
WITH SCHMITT TRIGGER INPUTS
SCLS467B − FEBRUARY 2003 − REVISED MAY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.7
V
VIH
High-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.7
V
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
VCC × 0.3
V
VIL
Low-level input voltage
VCC = 3 V to 3.6 V
VCC × 0.3
V
VCC = 4.5 V to 5.5 V
VCC × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
−50
µA
IOH
High-level output current
VCC = 2.3 V to 2.7 V
−2
IOH
High-level output current
VCC = 3 V to 3.6 V
−6
mA
VCC = 4.5 V to 5.5 V
−12
mA
VCC = 2 V
50
µA
IOL
Low-level output current
VCC = 2.3 V to 2.7 V
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
mA
VCC = 4.5 V to 5.5 V
12
mA
Rext
External timing resistance
VCC = 2 V
5
k
Rext
External timing resistance
VCC ≥ 3 V
1
k
Cext
External timing capacitance
No restriction
pF
∆t/∆VCC
Power-up ramp rate
1
ms/V
TA
Operating free-air temperature
−40
105
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LV123A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123A-Q1 TI1-SN74LV123A-Q1 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
More results

Similar Description - SN74LV123A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV123A-Q1 TI1-SN74LV123A-Q1_16 Datasheet
897Kb / 24P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrator With Schmitt-Trigger Inputs
SN74LV123A-EP TI1-SN74LV123A-EP Datasheet
475Kb / 12P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G123 TI-SN74LVC1G123 Datasheet
326Kb / 18P
[Old version datasheet]   SINGLE RETRIGGERABLE MONOSTABLE MULTIVIBRATOR WITH SCHMITT TRIGGER INPUTS
logo
Nexperia B.V. All right...
74LVC1G123-Q100 NEXPERIA-74LVC1G123-Q100 Datasheet
286Kb / 21P
   Single retriggerable monostable multivibrator Schmitt trigger inputs
74LVC1G123 NEXPERIA-74LVC1G123 Datasheet
331Kb / 24P
   Single retriggerable monostable multivibrator; Schmitt trigger inputs
Rev. 7 - 20 April 2021
logo
Texas Instruments
SN74LV221A-Q1 TI1-SN74LV221A-Q1 Datasheet
197Kb / 14P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATOR WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI-SN54LV123A Datasheet
530Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN54LV123A TI1-SN54LV123A_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Retriggerable Monostable Multivibrators With Schmitt-Trigger Inputs
SN54LV123A TI-SN54LV123A_10 Datasheet
861Kb / 27P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com