Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDS5034B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TDS5034B
Description  Digital Phosphor Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TDS5034B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TDS5034B Datasheet HTML 1Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 2Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 3Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 4Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 5Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 6Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 7Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 8Page - List of Unclassifed Manufacturers TDS5034B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features & Benefits
1 GHz, 500, 350 MHz
Bandwidth Models
2 and 4 Channel Models
5 GS/s Sample Rate
Up to 16 M Record Length
100,000 wfms/s Maximum
Waveform Capture Rate
MyScopeCustom Control
Windows Enhance Productivity
Right Mouse Click Menus
for Exceptional Efficiency
OpenChoice® Platform with
Windows 2000 Delivers Built-in
Networking and Analysis
Small Footprint/Light Weight
10.4 in. Bright Display
Suite of Advanced Triggers
Communication Mask Testing
Pass/Fail Limit Testing
Remote Viewing and Control
E-mail on Event
CD-RW Drive
Built-in Printer (Optional)
Interoperability with
Tektronix Logic Analyzers
GPIB Controller
Applications
Digital Design and Debug
Mask Testing for Telecomm/
Datacomm/Video Standards
Investigation of
Transient Phenomena
Power Measurements
Video Design and Debug
DVD, Jitter and Timing,
Spectral Analysis
Automotive Electronics
Manufacturing Test
Electro-mechanical
Bio-medical
Industrial Control
Digital Phosphor Oscilloscopes
TDS5000B Series
The World’s Easiest to Use Midrange Oscilloscope
MyScope Custom Control Windows
The TDS5000B Series offers the industry’s
first easily customizable oscilloscope user
interface. MyScope control windows is a
revolutionary new feature that allows you
to build your own control windows with
only the controls, features, and capabilities
that you care about and are important in
your job. For the first time, you can pull
all the functionality you need from all the
various parts of the oscilloscope into one
control window, effectively creating your
own personalized “toolbox” of oscilloscope
features. No longer do you need to search
through menus for features or re-learn
how to drive the oscilloscope after a
break from the lab. MyScope control
windows enable you
to spend your valuable time focused on
the task at hand rather than navigating
menus on your oscilloscope. And creating
these custom control windows isn’t a
long drawn-out or complex process. They
are easily created in a matter of minutes
using a simple, visual, drag and drop
process. Once created, these custom
control windows are easily accessed
through a dedicated MyScope button
and menu selection on the oscilloscope
button/menu bar, just like any other control
window. You can make an unlimited number
of custom control windows, enabling each
person who uses the oscilloscope, in a
shared environment, to have their own
unique control window. Since the control
windows are stored as files on the hard
drive, they can easily be transferred to
other TDS5000B Series oscilloscopes, or
they can even be e-mailed to a co-worker
around the world when the need arises.
MyScope control windows will benefit
all oscilloscope users, from eliminating
the ramp-up time that many face when
returning to the lab after not using an
oscilloscope for a while, to the power
user who can now operate far more
efficiently. Everything you need is found
in one control window rather than having
to constantly navigate through menu after
menu to repeat similar tasks.


Similar Part No. - TDS5034B

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TDS500 TEKTRONIX-TDS500 Datasheet
202Kb / 4P
   Differential Preamplifier
TDS5000 TEKTRONIX-TDS5000 Datasheet
202Kb / 4P
   Differential Preamplifier
More results

Similar Description - TDS5034B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TDS3000C ETC2-TDS3000C Datasheet
919Kb / 14P
   Digital Phosphor Oscilloscopes
TDS3012B ETC1-TDS3012B Datasheet
433Kb / 8P
   DIGITAL PHOSPHOR OSCILLOSCOPES
logo
TEKTRONIX, INC.
TDS3000C TEKTRONIX-TDS3000C Datasheet
711Kb / 12P
   Digital Phosphor Oscilloscopes
logo
List of Unclassifed Man...
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com