Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1175AEUI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1175AEUI
Description  14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1175AEUI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1175AEUI Datasheet HTML 6Page - Maxim Integrated Products MAX1175AEUI Datasheet HTML 7Page - Maxim Integrated Products MAX1175AEUI Datasheet HTML 8Page - Maxim Integrated Products MAX1175AEUI Datasheet HTML 9Page - Maxim Integrated Products MAX1175AEUI Datasheet HTML 10Page - Maxim Integrated Products MAX1175AEUI Datasheet HTML 11Page - Maxim Integrated Products MAX1175AEUI Datasheet HTML 12Page - Maxim Integrated Products MAX1175AEUI Datasheet HTML 13Page - Maxim Integrated Products MAX1175AEUI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Shutdown Mode
In shutdown mode, the reference and reference buffer
shut down between conversions. Shutdown mode
reduces supply current to 0.5µA (typ) immediately after
the conversion. The next falling edge of CS with R/C
low causes the reference and buffer to wake up and
enter acquisition mode. To achieve 14-bit accuracy,
allow 12ms (CREFADJ = 0.1µF, CREF = 10µF) for the
internal reference to wake up.
Internal and External Reference
Internal Reference
The internal reference of the MAX1157/MAX1159/
MAX1175 is internally buffered to provide +4.096V out-
put at REF. Bypass REF to AGND and REFADJ to
AGND with 10µF and 0.1µF, respectively.
Sink or source current at REFADJ to make fine adjust-
ments to the internal reference. The input impedance of
REFADJ is nominally 5k
Ω. Use the circuit of Figure 7 to
adjust the internal reference to ±1.5%.
External Reference
An external reference can be placed at either the input
(REFADJ) or the output (REF) of the MAX1157/
MAX1159/MAX1175’s internal buffer amplifier. Using
the buffered REFADJ input makes buffering the external
reference unnecessary. The input impedance of
REFADJ is typically 5k
Ω. The internal buffer output
must be bypassed at REF with a 10µF capacitor.
Connect REFADJ to AVDD to disable the internal buffer.
Directly drive REF using an external 3.8V to 4.2V refer-
ence. During conversion, the external reference must
be able to drive 100µA of DC load current and have an
output impedance of 10
Ω or less.
For optimal performance, buffer the reference through
an op amp and bypass REF with a 10µF capacitor.
Consider the MAX1157/MAX1159/MAX1175’s equivalent
input noise (0.6LSB) when choosing a reference.
Reading the Conversion Result
EOC flags the microprocessor when a conversion is
complete. The falling edge of EOC signals that the data
is valid and ready to be output to the bus. D0–D13 are
the parallel outputs of the MAX1157/MAX1159/
MAX1175. These three-state outputs allow for direct
connection to a microcontroller I/O bus. The outputs
remain high-impedance during acquisition and conver-
sion. Data is loaded onto the bus with the third falling
edge of CS with R/C high (after tDO). Bringing CS high
forces the output bus back to high impedance. The
MAX1157/MAX1159/MAX1175 then wait for the next
falling edge of CS to start the next conversion cycle
(see Figure 2).
14-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
10
______________________________________________________________________________________
Figure 6. Selecting Shutdown Mode
CS
R/C
EOC
REF AND
BUFFER
POWER
ACQUISITION
CONVERSION
DATA
OUT
Figure 7. MAX1157/MAX1159/MAX1175 Reference Adjust
Circuit
MAX1157
MAX1159
MAX1175
REFADJ
+5V
68k
100k
150k
0.1
µF


Similar Part No. - MAX1175AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1175AEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1178 MAXIM-MAX1178 Datasheet
330Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
MAX1144 MAXIM-MAX1144 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
19-2465; Rev 0; 4/02
MAX1144-MAX1145 MAXIM-MAX1144-MAX1145 Datasheet
1Mb / 18P
   14-Bit ADCs, 150ksps, 3.3V Single Supply
Rev 0; 4/02
logo
Texas Instruments
ADS1203 TI1-ADS1203_14 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com