Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM410SM Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM410SM
Description  Triple Debounce Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM410SM Datasheet(HTML) 4 Page - ELM Electronics

  ELM410SM Datasheet HTML 1Page - ELM Electronics ELM410SM Datasheet HTML 2Page - ELM Electronics ELM410SM Datasheet HTML 3Page - ELM Electronics ELM410SM Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Example Application
4 of 4
Figure 1. Manual Control of a Stepper Motor
Figure 1 shows the ELM410 used to interface two
momentary action normally open pushbutton switches to
an ELM310 in a manually controlled stepping motor
circuit. For simplicity, the stepper motor and its drive
transistors are not shown on this diagram.
Using the ELM310 to control a stepper motor has
many advantages - low cost, low power, ease of use,
etc. There is one disavantage however, in that the
integrated circuit is capable of responding quite quickly
to inputs. This would result in multiple steps of the
motor, and perceived erratic operation, if the input were
connected directly to a switch, and not debounced by a
circuit such as the ELM410.
The circuit below shows how easily two control
switches can be debounced and used to control the
ELM310. The two switches are simply connected
between VSS and their respective inputs, allowing the
internal pullup resistors to detect the state of the switch.
Power is obtained from the circuit being connected to,
providing the correct logic drive levels. Finally, the
unused
debounce
circuit
is
simply
left
with
no
connection to it. This is acceptable in this case, as the
internal pullup resistor will prevent the input to circuit 3
from floating.
Another variation on this circuit would have been to
invert the direction control input by connecting pin 3 to
pin 4 on the ELM410, then use pin 5 to drive pin 3 of the
ELM310. This would have resulted in the direction
pushbutton causing a counter-clockwise rotation when
pressed due to the double inversion from the two
debounce circuits connected in series.
For more permanent installations, consideration
should be given to protecting the ELM410 from
electrostatic discharges, etc. by providing series current
limiting resistors, and additional pullup resistors. For
typical useage in prototyping and experimenter circuits,
however, nothing more than is shown below would
normally be required.
ELM410
ELM410DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
2
3
4
7
6
5
1
2
3
4
8
7
6
5
+5V
8
1
0.1µF
+5V
A
B
C
D
To winding
drive circuits
Step
Clockwise


Similar Part No. - ELM410SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM411 ELM-ELM411 Datasheet
28Kb / 4P
   Debounce Circuit with Latch
ELM411P ELM-ELM411P Datasheet
28Kb / 4P
   Debounce Circuit with Latch
ELM411SM ELM-ELM411SM Datasheet
28Kb / 4P
   Debounce Circuit with Latch
ELM412 ELM-ELM412 Datasheet
27Kb / 4P
   Piezo Element Driver
ELM412P ELM-ELM412P Datasheet
27Kb / 4P
   Piezo Element Driver
More results

Similar Description - ELM410SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
   Versatile Debounce Circuit
ELM411 ELM-ELM411 Datasheet
28Kb / 4P
   Debounce Circuit with Latch
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
logo
Maxim Integrated Produc...
MAX16054 MAXIM-MAX16054 Datasheet
113Kb / 9P
   On/Off Controller with Debounce and ±15kV ESD Protection
Rev 0; 5/08
logo
KEC(Korea Electronics)
KIC7WZ34FK KEC-KIC7WZ34FK Datasheet
36Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT(TRIPLE NON INVERTER)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WH04FC TOSHIBA-TC7WH04FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com