Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM322P Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM322P
Description  OBD (VPW) to RS232 Interpreter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM322P Datasheet(HTML) 1 Page - ELM Electronics

  ELM322P Datasheet HTML 1Page - ELM Electronics ELM322P Datasheet HTML 2Page - ELM Electronics ELM322P Datasheet HTML 3Page - ELM Electronics ELM322P Datasheet HTML 4Page - ELM Electronics ELM322P Datasheet HTML 5Page - ELM Electronics ELM322P Datasheet HTML 6Page - ELM Electronics ELM322P Datasheet HTML 7Page - ELM Electronics ELM322P Datasheet HTML 8Page - ELM Electronics ELM322P Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
ELM322
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
OBD (VPW) to RS232 Interpreter
Since the 1996 model year, North American
automobiles have been required to provide an OBD,
or On Board Diagnostics, port for the connection of
test equipment. Data is transferred serially between
the vehicle and the external equipment using this
connection, in a manner specified by the Society of
Automotive Engineers (SAE) standards. In addition
to operating at different voltage levels, these ports
also use a data format that is not compatible with the
standard used for personal computers.
The ELM322 is an 8 pin integrated circuit that is
able to change the data rate and reformat the OBD
signals into easily recognized ASCII characters. This
allows
virtually
any
personal
computer
to
communicate with an OBD equipped vehicle using
only a standard serial port and a terminal program.
By also enhancing it with an interface program,
hobbyists can create their own custom scan tool.
This integrated circuit was designed to provide a
cost-effective way for experimenters to work with an
OBD system, so a few features such as RS232
handshaking, variable baud rates, etc., have not
been implemented. In addition, this device is only
able to communicate using the 10.4KHz J1850 VPW
protocol that is commonly used in General Motors
and some Daimler Chrysler vehicles.
• Low power CMOS design
• High current drive outputs - up to 25 mA
• Crystal controlled for accuracy
• Fully configurable using AT commands
• Standard ASCII character output
• High speed RS232 communications
• 10.4 KHz J1850 VPW protocol
• Diagnostic trouble code readers
• Automotive scan tools
OBDOut
Tx
Description
Applications
Block Diagram
1 of 18
Features
OBDIn
Rx
1
2
3
8
7
6
5
4
XT1
XT2
ELM322DSE
Tx
RS232
Interface
3.58 MHz
2
3
XT1
XT2
Rx
5
6
Timing and
Control
Interpreter
OBD
Interface
OBDOut
4
7
OBDIn


Similar Part No. - ELM322P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM322P ELM-ELM322P Datasheet
91Kb / 18P
   OBD (VPW) to RS232 Interpreter
More results

Similar Description - ELM322P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM322 ELM-ELM322_09 Datasheet
91Kb / 18P
   OBD (VPW) to RS232 Interpreter
ELM327 ELM-ELM327_1 Datasheet
231Kb / 51P
   OBD to RS232 Interpreter
logo
List of Unclassifed Man...
ELM327 ETC1-ELM327 Datasheet
24Kb / 5P
   OBD to RS232 Interpreter
logo
ELM Electronics
ELM327 ELM-ELM327_10 Datasheet
378Kb / 76P
   OBD to RS232 Interpreter
ELM327 ELM-ELM327_13 Datasheet
393Kb / 82P
   OBD to RS232 Interpreter
ELM323 ELM-ELM323 Datasheet
125Kb / 19P
   OBD (ISO) to RS232 Interpreter
ELM323 ELM-ELM323_09 Datasheet
97Kb / 19P
   OBD (ISO) to RS232 Interpreter
ELM320 ELM-ELM320 Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320 ELM-ELM320_09 Datasheet
80Kb / 16P
   OBD (PWM) to RS232 Interpreter
logo
List of Unclassifed Man...
STN1110 ETC1-STN1110 Datasheet
612Kb / 24P
   Multiprotocol OBD to UART Interpreter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com