Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2PW1V560 Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # G2PW1V560
Description  48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

G2PW1V560 Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  G2PW1V560 Datasheet HTML 1Page - Galaxy Power, Inc. G2PW1V560 Datasheet HTML 2Page - Galaxy Power, Inc. G2PW1V560 Datasheet HTML 3Page - Galaxy Power, Inc. G2PW1V560 Datasheet HTML 4Page - Galaxy Power, Inc. G2PW1V560 Datasheet HTML 5Page - Galaxy Power, Inc. G2PW1V560 Datasheet HTML 6Page - Galaxy Power, Inc. G2PW1V560 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pisces II Series, Page 4
WWW.GALAXYPWR.COM
Part No. 02-007 Rev. 3.0–061004
Output Over Voltage Protection:
The output voltage is constantly monitored by the
microprocessor with a redundant secondary-side
measurement circuit that both shuts down the duty cycle
and triggers the microprocessor to shut down. If the
output voltage exceeds the over-voltage specification,
the microprocessor will latch the converter off. To turn
the converter on requires either cycling the ON/OFF pin
or power to the converter. This advanced feature
prevents the converter from damaging the load if there
is a converter failure or application error. If non-
latching is required, consult factory.
Thermal Shutdown:
The printed circuit board temperature is measured
using a semiconductor sensor. If the maximum rated
temperature is exceeded, the converter is latched off. To
re-enable the converter requires cycling the ON/OFF
pin or power to the converter. If non-latching is
required, consult factory.
Control Options:
As the behavior of the circuit is determined by
firmware in the microcontroller, specific customer
requirements such as
• non-latching thermal protection
• custom valid input voltage range
• controlled delay from initiating an ON/OFF
signal for power sequencing
can be accomplished with no change to hardware.
The standard behavior was chosen based on system
design experience but we understand that customers
often have their own requirements.
Please consult Galaxy Power for your special needs.
Remote Sense:
The output voltage is regulated at the point where the
sense pins connect to the power output pins. Total sense
compensation should not exceed 0.4V or 10% of Vout,
whichever is greater.
Safety:
An external input fuse must always be used to meet
these safety requirements.
External Output Trimming
Trim:
To trim the output voltage higher, connect the
required trim resistor from the Trim pin to the +Sense
pin. To trim the output voltage lower, connect the
required trim resistor from the Trim pin to the –Sense
pin. The Trim-down equation applies to all Voltages.
Application Notes
RTRIM-UP =
Vo (100+
∆%)
(100+
2∆%)
5.11k
1.225∆%
∆%
{
}
Trim-up
(for 3.3V)
+ Sense
Trim
– Sense
RTRIM-DOWN =
100
– 2
5.11k
∆%
{
}
Trim-down
Trim-down (%)
RTRIM-UP =
Vo (100+
∆%)
(100+
2∆%)
5.11k
0.62∆%
∆%
{
}
Trim-up for 1.5V and above:
Trim-up for less than 1.5V:
Trim-down for all voltages:


Similar Part No. - G2PW1V560

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
G2PW1V560 BEL-G2PW1V560 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560PERT001 BEL-G2PW1V560PERT001 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560PERT002 BEL-G2PW1V560PERT002 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560PERT003 BEL-G2PW1V560PERT003 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
G2PW1V560PERT004 BEL-G2PW1V560PERT004 Datasheet
494Kb / 8P
   PISCES II DC/DC CONVERTERS
More results

Similar Description - G2PW1V560

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Galaxy Power, Inc.
GPLW5V060 GALAXY-GPLW5V060 Datasheet
851Kb / 8P
   LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
GAMW3V330 GALAXY-GAMW3V330 Datasheet
982Kb / 7P
   48V Input, 3.3VDC, 30A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com