Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPEV6-5V0-55-L Datasheet(PDF) 8 Page - Galaxy Power, Inc.

Part # GPEV6-5V0-55-L
Description  Gemini Series DC/DC Converter Powers ??00MHz Microprocessors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPEV6-5V0-55-L Datasheet(HTML) 8 Page - Galaxy Power, Inc.

  GPEV6-5V0-55-L Datasheet HTML 1Page - Galaxy Power, Inc. GPEV6-5V0-55-L Datasheet HTML 2Page - Galaxy Power, Inc. GPEV6-5V0-55-L Datasheet HTML 3Page - Galaxy Power, Inc. GPEV6-5V0-55-L Datasheet HTML 4Page - Galaxy Power, Inc. GPEV6-5V0-55-L Datasheet HTML 5Page - Galaxy Power, Inc. GPEV6-5V0-55-L Datasheet HTML 6Page - Galaxy Power, Inc. GPEV6-5V0-55-L Datasheet HTML 7Page - Galaxy Power, Inc. GPEV6-5V0-55-L Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Gemini Series, Page 8
Part No. 98–004 Rev. 1.0
WWW.GALAXYPWR.COM
155 Flanders Road
Westborough, MA 01581
508–870–9775
Fax: 508–870–9796
e–mail: galaxy@galaxypwr.com
website: http://www.galaxypwr.com
© Copyright 2000 Galaxy Power. Specifications subject to change without notice.
Galaxy Power Inc. warrants to the original purchaser that the products conform to this data sheet and are free from
material and workmanship defects for a period of two (2) years from the date of manufacture, if this product is used within
specified conditions. Galaxy Power Inc. reserves the right to make changes to the product(s) or information contained
herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany
the sale of any such products or information. For additional details on this limited warranty consult the factory.


Similar Part No. - GPEV6-5V0-55-L

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GPE-1326 GWINSTEK-GPE-1326 Datasheet
464Kb / 2P
   Multiple Output Linear D.C. Power Supply
GPE-2323 GWINSTEK-GPE-2323 Datasheet
464Kb / 2P
   Multiple Output Linear D.C. Power Supply
GPE-3323 GWINSTEK-GPE-3323 Datasheet
464Kb / 2P
   Multiple Output Linear D.C. Power Supply
GPE-4323 GWINSTEK-GPE-4323 Datasheet
464Kb / 2P
   Multiple Output Linear D.C. Power Supply
GPE-X323 GWINSTEK-GPE-X323 Datasheet
464Kb / 2P
   Multiple Output Linear D.C. Power Supply
More results

Similar Description - GPEV6-5V0-55-L

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HUMMER INTERPOINT-HUMMER Datasheet
239Kb / 13P
   Powers DC/DC converters with 28 Vin nominal
logo
Fairchild Semiconductor
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1151 SEMTECH-SC1151 Datasheet
97Kb / 6P
   PROGRAMMABLE DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS
SC1156 SEMTECH-SC1156 Datasheet
185Kb / 7P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED MICROPROCESSORS?
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
logo
Bel Fuse Inc.
SPSPFF3-0X BEL-SPSPFF3-0X Datasheet
1Mb / 14P
   Two separate DC inputs, one DC inlet powers 3 power modules
logo
C&D Technologies
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
Fairchild Semiconductor
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com