Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLDW34V03PER-002-123 Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # GLDW34V03PER-002-123
Description  High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GLDW34V03PER-002-123 Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  GLDW34V03PER-002-123 Datasheet HTML 1Page - Galaxy Power, Inc. GLDW34V03PER-002-123 Datasheet HTML 2Page - Galaxy Power, Inc. GLDW34V03PER-002-123 Datasheet HTML 3Page - Galaxy Power, Inc. GLDW34V03PER-002-123 Datasheet HTML 4Page - Galaxy Power, Inc. GLDW34V03PER-002-123 Datasheet HTML 5Page - Galaxy Power, Inc. GLDW34V03PER-002-123 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dorado HV, Page 4
Part No. 01-001-C Rev. 4.0–051404
WWW.GALAXYPWR.COM
Resistor
Output Over Voltage Protection:
The output voltage is monitored by a redundant
secondary-side circuit. If the output voltage exceeds the
over-voltage specification, the microprocessor will
restart every 2 seconds and limit voltage with a separate
reference circuit. This advanced feature prevents the
converter from damaging the load if there is a converter
failure or application error.
Latching is available as an option.
Over Current Protection:
If overcurrent lasts more than 3 seconds the converter
will shut down and try to restart every 10 seconds until
the fault is removed.
Latching is available as an option.
Thermal Shutdown:
The printed circuit board temperature is measured
using a semiconductor sensor. If the maximum rated
temperature is exceeded, the converter is turned off. It
will then restart every 2 seconds.
Latching is available as an option.
Remote Sense:
The output voltage is regulated at the point where the
sense pins connect to the power output pins. Total sense
compensation should not exceed 1V. A negative sense
lead is connected internally.
Safety:
An external input fuse must always be used to meet
these safety requirements.
Application Notes
Trim
– Sense
RTRIM
Resistor across Trim Pin
(Droop Percentage = 3%)
40
35
30
25
20
15
0
10
1000
100
Trim Pin to -Sense Resistance (kOhm)
Vout Nom (0A)
Vout Nom (3A)
External Output Trimming


Similar Part No. - GLDW34V03PER-002-123

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GLDW34V03PER001123 BEL-GLDW34V03PER001123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PER002123 BEL-GLDW34V03PER002123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PER003123 BEL-GLDW34V03PER003123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GLDW34V03PER004123 BEL-GLDW34V03PER004123 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
More results

Similar Description - GLDW34V03PER-002-123

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PACSR48010 DELTA-PACSR48010 Datasheet
752Kb / 7P
   48V Output AC/DC Converter
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
List of Unclassifed Man...
XL1530 ETC2-XL1530 Datasheet
251Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
XLSEMI
XL1530 XLSEMI-XL1530 Datasheet
187Kb / 9P
   3A 380KHz 18V Buck DC to DC Converter
logo
Maxim Integrated Produc...
MAX17524 MAXIM-MAX17524 Datasheet
798Kb / 24P
   4.5V to 60V, 3A, Dual-Output, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 12/17
logo
Power-One
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
   4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com