Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAQW2V540TST Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GAQW2V540TST
Description  48V Input, 2.5VDC, 40A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAQW2V540TST Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GAQW2V540TST Datasheet HTML 1Page - Galaxy Power, Inc. GAQW2V540TST Datasheet HTML 2Page - Galaxy Power, Inc. GAQW2V540TST Datasheet HTML 3Page - Galaxy Power, Inc. GAQW2V540TST Datasheet HTML 4Page - Galaxy Power, Inc. GAQW2V540TST Datasheet HTML 5Page - Galaxy Power, Inc. GAQW2V540TST Datasheet HTML 6Page - Galaxy Power, Inc. GAQW2V540TST Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part No. 02-GAQ-03 Rev. 3.0 – 041405
WWW.GALAXYPWR.COM
GAQW2V540 – 3
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
CoolConverter
Galaxy’s proprietary CoolConverter™ provides:
•Patented single-stage power conversion architecture,
control, and magnetic design allow unprecedented power
density and efficiency in an isolated power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
•Low common-mode noise as a result of lower capacitance
in the transformer from balanced winding design.
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will
not allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent
the converter from turning on and off repeatedly
when the voltage is held near either voltage extreme.
At low line this assures the maximum input current is
not exceeded; at high line this assures the semicon-
ductor devices in the converter are not damaged by
excessive voltage stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic the ON/OFF pin is brought to below
1.0V with respect to the –INPUT pin to enable the
converter. The pull down must be able to sink
100µA. For Positive logic the ON/OFF pin is brought
to greater than 4.0V with respect to the –INPUT pin
and be limited to less than 10V. To request the
Positive logic version, add the suffix (P) to the stan-
dard part number. The ON/OFF pin has a built-in pull
up resistor of approximately 100kΩ to +5V.
Application Notes
Overvoltage Hysteresis
1.0
0
76.5
78.5
80.5
Input Voltage (V)
79.5
77.5
78
80
79
77
Undervoltage Hysteresis
1.0
0
30
34
37
Input Voltage (V)
36
32
33
35
31


Similar Part No. - GAQW2V540TST

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V040EET GALAXY-GAQW2V040EET Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V040EMT GALAXY-GAQW2V040EMT Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V040EST GALAXY-GAQW2V040EST Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V040MET GALAXY-GAQW2V040MET Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
More results

Similar Description - GAQW2V540TST

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com