Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHTC3V360SHERGT001 Datasheet(PDF) 7 Page - Galaxy Power, Inc.

Part # GHTC3V360SHERGT001
Description  TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHTC3V360SHERGT001 Datasheet(HTML) 7 Page - Galaxy Power, Inc.

  GHTC3V360SHERGT001 Datasheet HTML 1Page - Galaxy Power, Inc. GHTC3V360SHERGT001 Datasheet HTML 2Page - Galaxy Power, Inc. GHTC3V360SHERGT001 Datasheet HTML 3Page - Galaxy Power, Inc. GHTC3V360SHERGT001 Datasheet HTML 4Page - Galaxy Power, Inc. GHTC3V360SHERGT001 Datasheet HTML 5Page - Galaxy Power, Inc. GHTC3V360SHERGT001 Datasheet HTML 6Page - Galaxy Power, Inc. GHTC3V360SHERGT001 Datasheet HTML 7Page - Galaxy Power, Inc. GHTC3V360SHERGT001 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Taurus HC Series, Page 7
Part No. 01–001 Rev. 4.0_082803
WWW.GALAXYPWR.COM
ORDERING INFORMATION
Standard Model
Output
Max
Typical Efficiency
Number
Voltage
Current
Half Load
Full Load
48V Input Models (Designated W)
GHTW5V040*
5.0V
40A
93%
91%
GHTW3V360*
3.3V
60A
92%
89%
GHTW2V560*
2.5V
60A
90%
88%
GHTW2V060*
2.0V
60A
90%
85%
GHTW1V860*
1.8V
60A
89%
84%
GHTW1V560*
1.5V
60A
87%
83%
GHTW1V260*
1.2V
60A
86%
80%
GHTW5V030*
5.0V
30A
93%
90%
GHTW3V340*
3.3V
40A
93%
91%
GHTW2V540*
2.5V
40A
91%
88%
GHTW2V040*
2.0V
40A
90%
86%
GHTW1V840*
1.8V
40A
89%
84%
GHTW1V540*
1.5V
40A
88%
83%
GHTW1V240*
1.2V
40A
87%
82%
Standard Model
Output
Max
Typical Efficiency
Number
Voltage
Current
Half Load
Full Load
24V Input Models (Designated C)
GHTC5V040*
5.0V
40A
91%
88%
GHTC3V360*
3.3V
60A
91%
87%
GHTC2V560*
2.5V
60A
89%
85%
GHTC2V060*
2.0V
60A
89%
83%
GHTC1V860*
1.8V
60A
88%
82%
GHTC1V560*
1.5V
60A
86%
81%
GHTC1V260*
1.2V
60A
83%
78%
GHTC5V030*
5.0V
30A
91%
88%
GHTC3V340*
3.3V
40A
92%
90%
GHTC2V540*
2.5V
40A
90%
87%
GHTC2V040*
2.0V
40A
89%
85%
GHTC1V840*
1.8V
40A
88%
83%
GHTC1V540*
1.5V
40A
87%
82%
GHTC1V240*
1.2V
40A
86%
81%
* Options:
P = Positive Logic Version; High = On
H = Extra Power Pins, Non-standard Pinout
E = 0.18" Pins (
±.01")
M = 0.145" Pins (
±.01")
S = 0.12" Pins (
±.01")
RG = Heatsink Ready (incl. Plate + Case Ground Pin),
or with heatsink:
G00X = Case Ground Pin + Heatsink
T = Tuned model**
Heatsinks optional, consult factory.
**T (Tuned Model) Option
Designed for higher di/dt and
∆I applications, the
transient response has been modified to take
advantage of the capacitance on the customer's
PCB. This unit requires a minimum load
capacitance of 5600
µF with an impedance
magnitude of less than 0.005
Ω at 15kHz. It offers a
minimum 3X improvement in the peak response
compared to a standard unit.
Ordering Information
Example Part No.:
GHTW2V560MRGT
48V input
2.5V @ 60A output
Negative Logic
0.145" pin length
Case Ground Pin
Heatsink-ready Plate
Tuned Module
Options Code: (All options shown)
GHTW 3V3 60PHSRG T 00X
Part Number
(from chart above)
Options:
Positive Logic Version
Extra Power Pins
Optional Pin Length
E = 0.18"
M = 0.145"
S = 0.12"
Heatsink-ready plate (requires G)
Case Ground Pin
Tuned Model
Heatsink (does not require R, must have G)
001 = 0.25"
002 = 0.50"
003 = 1.00"
004 = 0.13"
Taurus/Taurus HC Heatsink Part Numbers
Part
Typical Thermal Performance
Number
Height
Natural Convection
Forced Convection
Power Dissipation†
Thermal Resistance††
001
0.24"
5W
5.8
°C/W
002
0.45"
7W
3.2
°C/W
003
0.95"
11W
2.0
°C/W
004
0.13"
TBD
TBD


Similar Part No. - GHTC3V360SHERGT001

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GHT-117 GWINSTEK-GHT-117 Datasheet
387Kb / 1P
   High Voltage Adapter Box
logo
Japan Aviation Electron...
GHT21-0730-2 JAE-GHT21-0730-2 Datasheet
856Kb / 9P
   Antenna
2021/10/10
GHT21-0731-2 JAE-GHT21-0731-2 Datasheet
666Kb / 9P
   Antenna
2021/10/10
GHT21-0732-2 JAE-GHT21-0732-2 Datasheet
617Kb / 10P
   Antenna
2021/10/10
GHT21-0733-2 JAE-GHT21-0733-2 Datasheet
617Kb / 10P
   Antenna
2021/10/10
More results

Similar Description - GHTC3V360SHERGT001

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com