Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPBW52V04PSRG001 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GPBW52V04PSRG001
Description  BOLERO HV Series 48V Input, 52VDC, 4A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPBW52V04PSRG001 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GPBW52V04PSRG001 Datasheet HTML 1Page - Galaxy Power, Inc. GPBW52V04PSRG001 Datasheet HTML 2Page - Galaxy Power, Inc. GPBW52V04PSRG001 Datasheet HTML 3Page - Galaxy Power, Inc. GPBW52V04PSRG001 Datasheet HTML 4Page - Galaxy Power, Inc. GPBW52V04PSRG001 Datasheet HTML 5Page - Galaxy Power, Inc. GPBW52V04PSRG001 Datasheet HTML 6Page - Galaxy Power, Inc. GPBW52V04PSRG001 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Bolero HV Series, Page 5
Part No. 02–004 Rev. 1.9.5–102502
PRODUCT PREVIEw
GPBW52V04R OPERATION
Efficiency
Power Dissipation
Load Current (A)
Load Current (A)
Voltage Ripple
Start-up Waveform
VOUT
100mV
1
32.0mV
Ch1 Pk–Pk
104.0mV
Ch1 RMS
16.38mV
[]
94
92
90
88
86
84
82
80
0
1
2
3
4
40V Vin
48V Vin
60V Vin
36V Vin
48V Vin
75V Vin
1
2
Ch1 20.0V
Ch2
5.00 V
M 10.0ms A
Ch2
1.80V
T
T
[
]
B
W
B
W
1
2
50.0mV
1.00ms
2
B
W
B
W
CH2:
Load (2A/div)
CH1:
Vout Response
Transient Reponse


Similar Part No. - GPBW52V04PSRG001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04ERG001 BEL-GPBW52V04ERG001 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04ERG002 BEL-GPBW52V04ERG002 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04ERG003 BEL-GPBW52V04ERG003 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04ERG004 BEL-GPBW52V04ERG004 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
More results

Similar Description - GPBW52V04PSRG001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHBW53V08 GALAXY-GHBW53V08 Datasheet
796Kb / 7P
   BOLERO HP 48V Input, 53VDC, 8A Output
logo
Bel Fuse Inc.
GPBW24V0 BEL-GPBW24V0_11 Datasheet
1Mb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW24V08 BEL-GPBW24V08 Datasheet
638Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBW52V04 BEL-GPBW52V04 Datasheet
470Kb / 8P
   BOLERO HV DC/DC CONVERTERS
GPBR52V04A BEL-GPBR52V04A Datasheet
1Mb / 9P
   BOLERO HV DC/DC CONVERTERS
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com