Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP5V0-20 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GPP5V0-20
Description  Polaris Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPP5V0-20 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GPP5V0-20 Datasheet HTML 1Page - Galaxy Power, Inc. GPP5V0-20 Datasheet HTML 2Page - Galaxy Power, Inc. GPP5V0-20 Datasheet HTML 3Page - Galaxy Power, Inc. GPP5V0-20 Datasheet HTML 4Page - Galaxy Power, Inc. GPP5V0-20 Datasheet HTML 5Page - Galaxy Power, Inc. GPP5V0-20 Datasheet HTML 6Page - Galaxy Power, Inc. GPP5V0-20 Datasheet HTML 7Page - Galaxy Power, Inc. GPP5V0-20 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Polaris Series, Page 5
Part No. 99–003 Rev. 1.0
WWW.GALAXYPWR.COM
Specifications
Control Signal Characteristics
Parameter
Test Condition
Requirement
Unit
Name
Symbol
Min
Max
P_Enable_L and
VENABLE LOW
Module Enabled
0
0.8
V
S_Enable_L
VENABLE HIGH
Module Disabled
2.5
6.0
V
Function Controls
IENABLE LOW
Source Current (VENABLE = 0.8V)
-1.0
mA
P_Enable_L and
RENABLE LOW
Module Enabled
100
S_Enable_L
RENABLE LOW
Module Disabled
200K
K
Function Controls
IENABLE LOW
Source Current (RENABLE = 100Ω)–
-0.5
mA
Enable Controls
Primary Enable_L
Secondary Enable_L
Output Voltage
Low
Low
On
High or Open
Low
Off
Low
High or Open
Off
High or Open
High or Open
Off
To V
ENABLE Pin
2N7000
or
Equivalent
.22µF
Tantalum
IN4148
220K
1M
To (–)
On >3V
Off ≤0.6V
Enable Circuit
Turn on Time
Output Load Conditions
(Turn On)
V
ENABLE
0.8V
Turn on Time for
V
ENABLE going Low
Time
VOUT
T
ON
Time
Regulation Band
3V
Turn on Time
V
ENABLE
2.5V
Turn off Time for
V
ENABLE going High
Time
Input
Current
T
OFF
Time
90% of Initial
Input Current
Output Voltage
Turn off Time


Similar Part No. - GPP5V0-20

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GPP-1326 GWINSTEK-GPP-1326 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
GPP-2323 GWINSTEK-GPP-2323 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
GPP-3323 GWINSTEK-GPP-3323 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
GPP-4323 GWINSTEK-GPP-4323 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
logo
CHENG-YI ELECTRONIC CO....
GPP10 CHENG-YI-GPP10 Datasheet
131Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Similar Description - GPP5V0-20

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com