Electronic Components Datasheet Search |
|
GPP5V0-20 Datasheet(PDF) 3 Page - Galaxy Power, Inc. |
|
GPP5V0-20 Datasheet(HTML) 3 Page - Galaxy Power, Inc. |
3 / 8 page Polaris Series, Page 3 Part No. 99–003 Rev. 1.0 WWW.GALAXYPWR.COM Output Characteristics Over the complete baseplate temperatures and input voltage ranges. Parameter Test Condition Requirement Unit Name Var Symbol Min Typ Max Output Voltage (nominal) 1.5V VOnom – 1.5 – V 2.2V VOnom – 2.2 – V 3.3V VOnom – 3.3 – V 5.0V VOnom – 5.0 – V Rated Output Current 1.5V IO VO = VOnom 0– 25 A 2.2V IO VO = VOnom 0– 25 A 3.3V IO VO = VOnom 0– 25 A 5.0V IO VO = VOnom 0– 20 A Initial Output Voltage Vadj = open, TC = +25°C -1.25 – 1.25 %VOnom Tolerance (with remote sense) VI = VInom, IO = IOrated Noise and Ripple 1.5V 20MHzP-P bandwidth, – 75 mVP-P 2.2V VI=36-72V, IO = 0 amps to 100% – 75 mVP-P 3.3V – 100 mVP-P 5.0V – 100 mVP-P Static Load and VI=36-72V, IO = 0.2amps to 100% – – 0.25 %VOnom Line Regulation Long Term Temperature Drift -0.5 – 0.5 %V Output Voltage Trim 1.5V VOtrim VIN = 48V Rtrim=13200 1.683 – 1.717 V VO = VOnom Rtrim=42200 1.336 – 1.363 V 2.2V VOtrim Rtrim=140768 2.287 – 2.333 V Rtrim=8250 1.683 – 1.717 V 3.3V VOtrim Rtrim=41905 3.430 – 3.500 V Rtrim=122825 3.103 – 3.166 V 5.0V VOtrim Rtrim=118000 5.197 – 5.303 V Rtrim=105511 4.703 – 4.798 V Output Voltage Trim 1.5V VOtrim IO = 50% Vtrim=1.404 1.683 – 1.717 V of IOmax Vtrim=0.700 1.336 – 1.363 V 2.2V VOtrim Vtrim=1.149 2.287 – 2.333 V Vtrim=0.313 1.683 – 1.717 V 3.3V VOtrim Vtrim=2.808 3.430 – 3.500 V Vtrim=2.156 3.103 – 3.166 V 5.0V VOtrim Vtrim=2.869 5.197 – 5.303 V Vtrim=2.130 4.703 – 4.798 V Specifications |
Similar Part No. - GPP5V0-20 |
|
Similar Description - GPP5V0-20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |