Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPLW3V390MTRT001 Datasheet(PDF) 8 Page - Galaxy Power, Inc.

Part # GPLW3V390MTRT001
Description  LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPLW3V390MTRT001 Datasheet(HTML) 8 Page - Galaxy Power, Inc.

  GPLW3V390MTRT001 Datasheet HTML 1Page - Galaxy Power, Inc. GPLW3V390MTRT001 Datasheet HTML 2Page - Galaxy Power, Inc. GPLW3V390MTRT001 Datasheet HTML 3Page - Galaxy Power, Inc. GPLW3V390MTRT001 Datasheet HTML 4Page - Galaxy Power, Inc. GPLW3V390MTRT001 Datasheet HTML 5Page - Galaxy Power, Inc. GPLW3V390MTRT001 Datasheet HTML 6Page - Galaxy Power, Inc. GPLW3V390MTRT001 Datasheet HTML 7Page - Galaxy Power, Inc. GPLW3V390MTRT001 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Leo Series, Page 8
PRELIMINARY
Part No. 99–001 Rev. 4.0–120902
**T (Tuned Model) Option
Designed for higher di/dt and
∆I applications,
the transient response has been modified to take
advantage of the capacitance on the customer's
PCB. This unit requires a minimum load
capacitance of 5600
µF with an impedance
magnitude of less than 0.005
Ω at 15kHz. It
offers a minimum 3X improvement in the peak
response compared to a standard unit.
Standard Model
Output
Max
Typical Efficiency
Number *
Voltage
Current
Half Load
Full Load
48V Input Models (Designated W)
GPLW5V060
5.0V
60A
TBD
GPLW3V390
3.3V
90A
93%
91%
GPLW2V5100
2.5V
100A
92%
90%
GPLW1V8120
1.8V
120A
90%
87%
GPLW1V5120
1.5V
120A
89%
84%
GPLW1V2120
1.2V
120A
TBD
Standard Model
Output
Max
Typical Efficiency
Number*
Voltage
Current
Half Load
Full Load
24V Input Models (Designated C)
GPLC5V050
5.0V
50A
TBD
GPLC3V390
3.3V
90A
TBD
GPLC2V5100
2.5V
100A
TBD
GPLC1V8120
1.8V
120A
TBD
GPLC1V8120
1.5V
120A
TBD
GPLC1V2120
1.2V
120A
TBD
* Options:
M = 0.145" Pins (
±0.01")
S = 0.12" Pins (
±0.01")
T = Tuned model**
Heatsinks optional, consult factory.
ORDERING INFORMATION
Galaxy Power Inc. warrants to the original purchaser that the products conform to this data sheet and are free from
material and workmanship defects for a period of two (2) years from the date of manufacture, if this product is used
within specified conditions. Galaxy Power Inc. reserves the right to make changes to the product(s) or information
contained herein without notice. No liability is assumed as a result of their use or application. No rights under any
patent accompany the sale of any such products or information. For additional details on this limited warranty
consult the factory.
© Copyright 2002 Galaxy Power. Specifications subject to change without notice.
155 Flanders Road
Westborough, MA 01581
508-870-9775
Fax: 508-870-9796
e–mail: galaxy@galaxypwr.com
website: http://www.galaxypwr.com
Ordering Information
Example Part No.:
GPLW5V060
48V Input
5.0V@60A Output
Negative Logic
0.20" Pin Length
Open Frame
Options Code:
(All options shown)
GPLW 1V8120 S T 00X
Part Number
(from chart above)
Options:
Optional Pin Length
M = 0.145"
S = 0.12"
Tuned Model
Heatsink
Heatsink Part Numbers
Part
Typical Thermal Performance
Number
Height
Natural Convection
Forced Convection
Power Dissipation*
Thermal Resistance**
001
0.25"
5W
5.8
°C/W
002
0.50"
7W
3.2
°C/W
003
1.00"
11W
2.0
°C/W
004
0.13"
TBD
TBD
*@ 60
°C rise heatsink to ambient
** @ 300'/min.


Similar Part No. - GPLW3V390MTRT001

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
   Powerline Wireless Extender
GPLWEKIT4 IOGEAR-GPLWEKIT4 Datasheet
165Kb / 3P
   Whole-Home Powerline Wi-Fi Kit
More results

Similar Description - GPLW3V390MTRT001

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
RNLD01U-0XX-120A-150FT LEDTRONICS-RNLD01U-0XX-120A-150FT Datasheet
344Kb / 1P
   RNLD01U-0XX-120A-150FT
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
MacMic
MM120G3T65BM MACMIC-MM120G3T65BM Datasheet
620Kb / 5P
   650V 120A IGBT
logo
Littelfuse
SP1555 LITTELFUSE-SP1555 Datasheet
2Mb / 4P
   SP1555 Series 120A for VBUS
logo
Fairchild Semiconductor
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
   300V, 120A PDP IGBT
logo
Naina Semiconductor ltd...
MBR12045CT NAINA-MBR12045CT Datasheet
137Kb / 2P
   Silicon Schottky Diode, 120A
logo
TRANSYS Electronics Lim...
FSTI12020 TEL-FSTI12020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
logo
PFC Device Inc.
PFR120L150PT-L PFC-PFR120L150PT-L Datasheet
421Kb / 5P
   120A 150V MOS Schottky Rectifier
logo
Rohm
RJ1P07CBH ROHM-RJ1P07CBH Datasheet
2Mb / 13P
   Nch 100V 120A Power MOSFET
20230518 - Rev.003
logo
Bel Fuse Inc.
G7NC-C2A160 BEL-G7NC-C2A160 Datasheet
123Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 10.3 -13.2V Input / Programmable Output / 120A VRM 10.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com