Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP5V0-15 Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # GPP5V0-15
Description  Polaris Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPP5V0-15 Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  GPP5V0-15 Datasheet HTML 1Page - Galaxy Power, Inc. GPP5V0-15 Datasheet HTML 2Page - Galaxy Power, Inc. GPP5V0-15 Datasheet HTML 3Page - Galaxy Power, Inc. GPP5V0-15 Datasheet HTML 4Page - Galaxy Power, Inc. GPP5V0-15 Datasheet HTML 5Page - Galaxy Power, Inc. GPP5V0-15 Datasheet HTML 6Page - Galaxy Power, Inc. GPP5V0-15 Datasheet HTML 7Page - Galaxy Power, Inc. GPP5V0-15 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Polaris Series, Page 4
Part No. 99–003 Rev. 1.0
WWW.GALAXYPWR.COM
Output Characteristics (continued)
Over the complete baseplate temperatures and input voltage ranges. Airflow adjusted at 500LFM with 0.9" high heatsink.
Parameter
Test Condition
Requirement
Unit
Name
Var
Symbol
Min
Typ
Max
Total Remote Sense
VI = VImin, IO = IOmax rated
––
100
mV
Compensation (round trip)
Output Overvoltage
1.5V
2.00
2.30
V
Protection (Latching)
2.2V
2.64
2.86
V
3.3V
3.96
4.29
V
5.0V
6.00
6.50
V
Output Voltage Protection
TOVP
VO = VOnom, IO = IOrated
––
150
µs
Response Time
Current Limit (nominal)
1.5V
IOlim
VO = VOnom, VI = 48V
27
A
2.2V
IOlim
27
A
3.3V
IOlim
27
A
5.0V
IOlim
22
A
Short Circuit Current
1.5V
VO = 0.2 to 0.4V, VI = 72V
38
A
Transient Response, Vo
Io = 25–75% Imax @ 0.1A/
µsec
150
mV
Deviation from Steady State
(di/dt), positive or negative step1
Settling Time (to
±1%)
250
µs
Turn On Time
ton
VImin to VImax
1–
20
ms
Turn on Ramp Time
tramp
VImin to VImax, 10-90% rise time
1
10
ms
Turn Off Time
toff
VImin to VImax
––
1.0
ms
(to 10% initial value)
External Load Capacitance
ESR@10,000
µf = 2mΩ
100
10,000
µf
Over Temperature Shutdown
TBASEPLATE
––
125
°C
(Latching)
Isolation Resistance
10
M
(1500VDC) Input-Output
Notes: 1. 940
µf (2, 470µF tantalum capacitor) solid tantalum capacitor placed across output.
Specifications


Similar Part No. - GPP5V0-15

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GPP-1326 GWINSTEK-GPP-1326 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
GPP-2323 GWINSTEK-GPP-2323 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
GPP-3323 GWINSTEK-GPP-3323 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
GPP-4323 GWINSTEK-GPP-4323 Datasheet
501Kb / 2P
   MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
logo
CHENG-YI ELECTRONIC CO....
GPP10 CHENG-YI-GPP10 Datasheet
131Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Similar Description - GPP5V0-15

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com