Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP3V3-25 Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # GPP3V3-25
Description  Polaris Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPP3V3-25 Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  GPP3V3-25 Datasheet HTML 1Page - Galaxy Power, Inc. GPP3V3-25 Datasheet HTML 2Page - Galaxy Power, Inc. GPP3V3-25 Datasheet HTML 3Page - Galaxy Power, Inc. GPP3V3-25 Datasheet HTML 4Page - Galaxy Power, Inc. GPP3V3-25 Datasheet HTML 5Page - Galaxy Power, Inc. GPP3V3-25 Datasheet HTML 6Page - Galaxy Power, Inc. GPP3V3-25 Datasheet HTML 7Page - Galaxy Power, Inc. GPP3V3-25 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Polaris Series, Page 1
Part No. 99–003 Rev. 1.0
WWW.GALAXYPWR.COM
The Polaris Series is a high current 100W
quarter brick DC/DC converter with:
100 Watts @ 100
° Baseplate
67 Watts/cu. inch
1.2" x 2.4" x 0.5"
Fixed Frequency Operation
Remote Sense
Output Voltage Trim
Optional Heatsink
UL and CSA approved
Two Year Warranty
Polaris Series
Control Functions
Remote Sense
Primary and Secondary Output Enable
Protection Features
Over Temperature Protection
Over Voltage Protection
Over Current Protection
Typical Characteristics
Output Setpoint Accuracy:
±1.25%
Load & Line Regulation:
±0.25%
Noise & Ripple:
75 mVp–p (1.5, 2.2V)
100 mVp–p (3.3, 5.0V)
Long Term Temperature Drift:
±0.5%
Output Trim
The only true "quarter brick" on the market
48V Input, 1.5V, 2.2V, 3.3V, or 5.0V


Similar Part No. - GPP3V3-25

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GPP30 CHENG-YI-GPP30 Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
GPP30A CHENG-YI-GPP30A Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
SUNMATE electronic Co.,...
GPP30A SUNMATE-GPP30A Datasheet
297Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER DIODES
logo
CHENG-YI ELECTRONIC CO....
GPP30B CHENG-YI-GPP30B Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
GPP30D CHENG-YI-GPP30D Datasheet
110Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Similar Description - GPP3V3-25

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com