Electronic Components Datasheet Search |
|
GPLW2V5100MTRT001 Datasheet(PDF) 8 Page - Galaxy Power, Inc. |
|
GPLW2V5100MTRT001 Datasheet(HTML) 8 Page - Galaxy Power, Inc. |
8 / 8 page Leo Series, Page 8 PRELIMINARY Part No. 99–001 Rev. 4.0–120902 **T (Tuned Model) Option Designed for higher di/dt and ∆I applications, the transient response has been modified to take advantage of the capacitance on the customer's PCB. This unit requires a minimum load capacitance of 5600 µF with an impedance magnitude of less than 0.005 Ω at 15kHz. It offers a minimum 3X improvement in the peak response compared to a standard unit. Standard Model Output Max Typical Efficiency Number * Voltage Current Half Load Full Load 48V Input Models (Designated W) GPLW5V060 5.0V 60A TBD GPLW3V390 3.3V 90A 93% 91% GPLW2V5100 2.5V 100A 92% 90% GPLW1V8120 1.8V 120A 90% 87% GPLW1V5120 1.5V 120A 89% 84% GPLW1V2120 1.2V 120A TBD Standard Model Output Max Typical Efficiency Number* Voltage Current Half Load Full Load 24V Input Models (Designated C) GPLC5V050 5.0V 50A TBD GPLC3V390 3.3V 90A TBD GPLC2V5100 2.5V 100A TBD GPLC1V8120 1.8V 120A TBD GPLC1V8120 1.5V 120A TBD GPLC1V2120 1.2V 120A TBD * Options: M = 0.145" Pins ( ±0.01") S = 0.12" Pins ( ±0.01") T = Tuned model** Heatsinks optional, consult factory. ORDERING INFORMATION Galaxy Power Inc. warrants to the original purchaser that the products conform to this data sheet and are free from material and workmanship defects for a period of two (2) years from the date of manufacture, if this product is used within specified conditions. Galaxy Power Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such products or information. For additional details on this limited warranty consult the factory. © Copyright 2002 Galaxy Power. Specifications subject to change without notice. 155 Flanders Road Westborough, MA 01581 508-870-9775 Fax: 508-870-9796 e–mail: galaxy@galaxypwr.com website: http://www.galaxypwr.com Ordering Information Example Part No.: GPLW5V060 48V Input 5.0V@60A Output Negative Logic 0.20" Pin Length Open Frame Options Code: (All options shown) GPLW 1V8120 S T 00X Part Number (from chart above) Options: Optional Pin Length M = 0.145" S = 0.12" Tuned Model Heatsink Heatsink Part Numbers Part Typical Thermal Performance Number Height Natural Convection Forced Convection Power Dissipation* Thermal Resistance** 001 0.25" 5W 5.8 °C/W 002 0.50" 7W 3.2 °C/W 003 1.00" 11W 2.0 °C/W 004 0.13" TBD TBD *@ 60 °C rise heatsink to ambient ** @ 300'/min. |
Similar Part No. - GPLW2V5100MTRT001 |
|
Similar Description - GPLW2V5100MTRT001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |