Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP2V2-15 Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # GPP2V2-15
Description  Polaris Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPP2V2-15 Datasheet(HTML) 6 Page - Galaxy Power, Inc.

  GPP2V2-15 Datasheet HTML 1Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 2Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 3Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 4Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 5Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 6Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 7Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Polaris Series, Page 6
Part No. 99–003 Rev. 1.0
WWW.GALAXYPWR.COM
Application Notes
Signal Characteristics: Per table on page 5.
Input Signals:
Enable_L: This unit has both primary and secondary
output enable:
Primary Enable_L: This input signal is used to enable
the output of the converter when activated (active Low).
The signal is referenced to the input side (-Vin pin 11).
Secondary Enable_L: This input signal is used to
enable the output of the converter when activated (active
Low). The signal is referenced to the output side
(-Sense).
Output Voltage Adjust: The output voltage of the
converter can be adjusted above or below the nominal
output voltage as specified in the Output Characteristics
Table. The range of adjustment above the nominal
output voltage is limited by the internal overvoltage trip
point settings. The overvoltage trip point settings do
not change with output voltage adjustments.
Output Voltage Turn On Time: The external circuit
used to turn on the converter's "enable circuit" is per the
Figure on page 5.
Voltage Programming: A voltage may be applied
between the “Trim” pin (pin 4) and the “– Sense“ pin
(pin 1) to adjust the output voltage up or down from the
nominal output. Vo is the desired output voltage.
For the GPP1V5-15 and GPP1V5-25, the trim voltage
for these two units is:
90.5
12.1
VTRIM = ——— * VO – —— Volts
44.97
6
For the GPP2V2-15 and GPP2V2-25, the trim voltage
for these two units is:
11.4935
12.1
VTRIM = ———— * VO – —— Volts
8.3862
6
For the GPP3V3-15 and GPP3V3-25, the trim voltage
for these two units is:
4.067
12.1
VTRIM = ——— * VO – —— Volts
2.06
3
For the GPP5V0-15 and GPP5V0-20, the trim voltage
for these two units is:
1.829 * Vo - 6.05
VTRIM =
———————— Volts
1.238
Resistor Programming:
Output voltage may be adjusted down from the nominal
output voltage with a resistor connected between the
“Trim” pin (pin 4) and the “-Sense” pin (pin 1).
For the GPP1V5-15 and GPP1V5-25, the trim resistor,
Rtrim for these two units is:
(18. 1379 – 18.100 * VO)
RTRIM =
—————————— Kohms
VO – 1.499
For the GPP2V2-15 and GPP2V2-25, the trim resistor,
Rtrim for these two units is:
169.1217 – 114.935 * VO
RTRIM = ——————————— Kohms
6.35 * VO – 13.977
For the GPP3V3-15 and GPP3V3-25, the trim resistor,
Rtrim for these two units is:
2
(249.26 –122.01 * VO)
RTRIM = —— * —————————— Kohms
5
2.49 *Vo – 8.24
For the GPP5V0-15 and GPP5V0-20, the trim resistor,
Rtrim for these two units is:
18.29 * Vo – 60.50
RTRIM =
———————— Kohms
5 – VO
Output voltage may be adjusted up from the nominal
output voltage with a resistor connected between the
“Trim” pin (pin 4) and the “+ Sense” pin (pin 2).
For the GPP1V5-15 and GPP1V5-25, the trim resistor,
Rtrim for these two units is:
(18.1379 – 9.106 * Vo)
RTRIM = ——————————— Kohms
VO – 1.499
For the GPP2V2-15 and GPP2V2-25, the trim resistor,
Rtrim for these two units is:
169.1217 – 31.073 * VO
RTRIM = ——————————— Kohms
6.35 * VO – 13.977
For the GPP3V3-15 and GPP3V3-25, the trim resistor,
Rtrim for these two units is:
2
(249.26 –60.21 * VO)
RTRIM = —— * —————————— Kohms
5
2.49 *VO – 8.24
Enable Controls
Primary Enable_L
Secondary Enable_L
Output Voltage
Low
Low
On
High or Open
Low
Off
Low
High or Open
Off
High or Open
High or Open
Off


Similar Part No. - GPP2V2-15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
15-Mar-02
GPP20A VISHAY-GPP20A Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
logo
Shenzhen Taychipst Elec...
GPP20A TAYCHIPST-GPP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
SUNMATE electronic Co.,...
GPP20A SUNMATE-GPP20A Datasheet
1,004Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
72Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results

Similar Description - GPP2V2-15

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com