Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP2V2-15 Datasheet(PDF) 8 Page - Galaxy Power, Inc.

Part # GPP2V2-15
Description  Polaris Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPP2V2-15 Datasheet(HTML) 8 Page - Galaxy Power, Inc.

  GPP2V2-15 Datasheet HTML 1Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 2Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 3Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 4Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 5Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 6Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 7Page - Galaxy Power, Inc. GPP2V2-15 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Polaris Series, Page 8
Part No. 99–003 Rev. 1.0
WWW.GALAXYPWR.COM
155 Flanders Road
Westborough, MA 01581
508–870–9775
Fax: 508–870–9796
e–mail: galaxy@galaxypwr.com
website: http://www.galaxypwr.com
© Copyright 2000 Galaxy Power. Specifications subject to change without notice.
ORDERING INFORMATION
Model
Output
Max
Efficiency
Number
Voltage
Current
(Typ)
GPP5V0-20
5.0V
20 A
84%
GPP5V0-15
5.0V
15 A
85%
GPP3V3-25
3.3V
25 A
80%
GPP3V3-15
3.3V
15 A
82%
* Heatsinks required: available on request.
PACKAGE DETAIL
Model
Output
Max
Efficiency
Number
Voltage
Current
(Typ)
GPP2V2-25
2.2V
25 A
73%
GPP2V2-15
2.2V
15 A
75%
GPP1V5-25
1.5V
25 A
70%
GPP1V5-15
1.5V
15 A
71%
Heatsink Profile
1.300
MAX
.240
.200
.900
.300
.225
.200
.450
.150
.175
.025
2.400 ±.010
2.100
2.050
.200
.400
.250
.500±.010
.025 sq pin
.100 grid, 6 plcs
.040 pins
4plcs
.060 pins
2plcs
.150
.100
.100
M3X 0.5 4plcs
Bottom View
Side View
5
6
1
2
7
8
9
10
11
12
Pin Assignments
Pin
Designation
Pin Size
Tolerance
No.
(inch)
(inch)
1
-Sense
0.025 Sq
±0.001
2
+Sense
0.025 Sq
±0.001
3S_Enable_L
(Secondary Enable)
0.025 Sq
±0.001
4Trim
0.025 Sq
±0.001
5NC
0.025 Sq
±0.001
6NC
0.025 Sq
±0.001
7-Vout
0.060
±0.002
8+Vout
0.060
±0.002
9Case
0.040
±0.002
10
P_Enable_L
(Primary Enable)
0.040
±0.002
11
-Vin
0.040
±0.002
12
+Vin
0.040
±0.002
Galaxy Power Inc. warrants to the original purchaser that the products conform to this data sheet and are free from
material and workmanship defects for a period of two (2) years from the date of manufacture, if this product is used
within specified conditions. Galaxy Power Inc. reserves the right to make changes to the product(s) or information
contained herein without notice. No liability is assumed as a result of their use or application. No rights under any
patent accompany the sale of any such products or information. For additional details on this limited warranty
consult the factory.


Similar Part No. - GPP2V2-15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
15-Mar-02
GPP20A VISHAY-GPP20A Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 03-Nov-09
logo
Shenzhen Taychipst Elec...
GPP20A TAYCHIPST-GPP20A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
SUNMATE electronic Co.,...
GPP20A SUNMATE-GPP20A Datasheet
1,004Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
72Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results

Similar Description - GPP2V2-15

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com