Electronic Components Datasheet Search |
|
GPTC3V340PHERGT001 Datasheet(PDF) 7 Page - Galaxy Power, Inc. |
|
GPTC3V340PHERGT001 Datasheet(HTML) 7 Page - Galaxy Power, Inc. |
7 / 7 page Taurus Series, Page 7 WWW.GALAXYPWR.COM Part No. 99–001 Rev. 5.0–090803 **T (Tuned Model) Option Designed for higher di/dt and ∆I applications, the transient response has been modified to take advantage of the capacitance on the customer's PCB. This unit requires a minimum load capacitance of 5600 µF with an impedance magnitude of less than 0.005 Ω at 15kHz. It offers a minimum 3X improvement in the peak response compared to a standard unit. Standard Model Output Max Typical Efficiency Number Voltage Current Half Load Full Load 48V Input Models (Designated W) GPTW5V030* 5.0V 30A 92% 90% GPTW3V340* 3.3V 40A 93% 91% GPTW2V540* 2.5V 40A 91% 88% GPTW2V040* 2.0V 40A 90% 86% GPTW1V840* 1.8V 40A 89% 84% GPTW1V540* 1.5V 40A 88% 83% Standard Model Output Max Typical Efficiency Number Voltage Current Half Load Full Load 24V Input Models (Designated C) GPTC5V030* 5.0V 30A 91% 89% GPTC3V340* 3.3V 40A 92% 90% GPTC2V540* 2.5V 40A 90% 87% GPTC2V040* 2.0V 40A 89% 85% GPTC1V840* 1.8V 40A 88% 83% GPTC1V540* 1.5V 40A 87% 82% * Options: P= Positive Logic Version; High = On H= Extra Power Pins, Non-standard Pinout E= 0.18" Pins ( ±.01") M= 0.145" Pins ( ±.01") S= 0.12" Pins ( ±.01") RG = Heatsink Ready (incl. Plate + Case Ground Pin), or with heatsink: G00X = Case Ground Pin + Heatsink T= Tuned model** Heatsinks optional, consult factory. ORDERING INFORMATION Galaxy Power Inc. warrants to the original purchaser that the products conform to this data sheet and are free from material and workmanship defects for a period of two (2) years from the date of manufacture, if this product is used within specified conditions. Galaxy Power Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such products or information. For additional details on this limited warranty consult the factory. Heatsink Part Numbers Part Typical Thermal Performance Number Height Natural Convection Forced Convection Power Dissipation Thermal Resistance 001 0.25" 5W 5.8 °C/W 002 0.50" 7W 3.2 °C/W 003 1.00" 11W 2.0 °C/W 004 0.13" TBD TBD © Copyright 2000 Galaxy Power, Inc. Specifications subject to change without notice. 155 Flanders Road Westborough, MA 01581 508-870-9775 Fax: 508-870-9796 e–mail: info@galaxypwr.com website: http://www.galaxypwr.com Ordering Information Example Part No.: GPTW3V340 48V input 3.3V @ 40A output Negative Logic 0.20" pin length Open Frame Options Code: (All options shown) GPTW3V3 40PHSRG T 00X Part Number (from chart above) Options: Positive Logic Version Extra Power Pins Optional Pin Length E = 0.18" M = 0.145" S = 0.12" Heatsink-ready plate (requires G) Case Ground Pin Tuned Model Heatsink (does not require R, must have G) 001 = 0.25" 002 = 0.50" 003 = 1.00" 004 = 0.13" |
Similar Part No. - GPTC3V340PHERGT001 |
|
Similar Description - GPTC3V340PHERGT001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |