Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAMW3V330SET Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GAMW3V330SET
Description  48V Input, 3.3VDC, 30A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW3V330SET Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GAMW3V330SET Datasheet HTML 1Page - Galaxy Power, Inc. GAMW3V330SET Datasheet HTML 2Page - Galaxy Power, Inc. GAMW3V330SET Datasheet HTML 3Page - Galaxy Power, Inc. GAMW3V330SET Datasheet HTML 4Page - Galaxy Power, Inc. GAMW3V330SET Datasheet HTML 5Page - Galaxy Power, Inc. GAMW3V330SET Datasheet HTML 6Page - Galaxy Power, Inc. GAMW3V330SET Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Part No. 02-GAM-03 Rev. 1.0 – 042805
WWW.GALAXYPWR.COM
GAMW3V330 – 5
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
Start Up
1) Vout 1V 4mS/div
2) Iout 10A/div
3) Enable 5V/div
CH3
CH1
CH2
Voltage Ripple
1) Vout 20mV/div 2µS/div
10µF ext cap 20MHz BW
Efficiency
94
92
90
88
86
84
82
80
020
30
Output Current (A)
36V Vin
48V Vin
75V Vin
10
15
25
5
Power Dissipation
14
12
10
8
6
4
2
0
020
30
Output Current (A)
36V Vin
48V Vin
75V Vin
10
515
25
GAMW3V33o Operation
Transient Response
1) Vout 200mV/div 200µS/div
2) Iout 10A/div
Line/Load Regulation
3.34
3.32
3.30
3.28
3.26
3.24
010
20
Output Current (A)
36V Vin
48V Vin
75V Vin
15
525
30
Setpoint Accuracy 0.3212%
Line Regulation 0.0365%
Load Regulation 0.0182%
Line & Load Regulation 0.0517%


Similar Part No. - GAMW3V330SET

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EET GALAXY-GAMW1V240EET Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EMT GALAXY-GAMW1V240EMT Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EST GALAXY-GAMW1V240EST Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240MET GALAXY-GAMW1V240MET Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
More results

Similar Description - GAMW3V330SET

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
   36-75Vdc Input; 3.3Vdc, 10A Output
KSTW015A0F LINEAGEPOWER-KSTW015A0F Datasheet
920Kb / 16P
   36-75Vdc Input; 3.3Vdc, 15A Output
SSTW005A0F LINEAGEPOWER-SSTW005A0F Datasheet
790Kb / 15P
   36-75Vdc Input; 3.3Vdc, 5A, 15W Output
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com