Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAMW2V540SMT Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # GAMW2V540SMT
Description  48V Input, 2.5VDC, 40A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW2V540SMT Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  GAMW2V540SMT Datasheet HTML 1Page - Galaxy Power, Inc. GAMW2V540SMT Datasheet HTML 2Page - Galaxy Power, Inc. GAMW2V540SMT Datasheet HTML 3Page - Galaxy Power, Inc. GAMW2V540SMT Datasheet HTML 4Page - Galaxy Power, Inc. GAMW2V540SMT Datasheet HTML 5Page - Galaxy Power, Inc. GAMW2V540SMT Datasheet HTML 6Page - Galaxy Power, Inc. GAMW2V540SMT Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Part No. 02-GAM-03 Rev. 1.0 – 042805
WWW.GALAXYPWR.COM
GAMW2V540 – 1
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
Mars
48V Input, 2.5VDC, 40A Output
The Mars Series of quarter-
brick DC/DC converters offers
high current performance with
high efficiency at low cost.
GAMW2V540 Features:
48V Input
2.5VDC, 40A Output
High Efficiency:
89% at 2.5V, 40A
90% at 2.5V, 20A
ISO 9001 CERTIFIED ORGANISATION
®
Certified to ISO 9001:2000
Eighth-brick
Quarter-brick
Quarter-brick
Quarter-brick
Quarter-brick
Half-brick
Half-brick
SIP
SIP
3-Quarter-brick
3-Quarter-brick
The Mars CoolConverter™ is the most
cost-effective 100W quarter-brick on
the market.
Industry Standard Pinout and Footprint
No Heat Sink Required
Very Low Common-mode Noise for a
Commercial DC/DC Converter
Two-stage Input Filter
Constant Switching Frequency
Remote Sense
Single Board Design
Very Low Parts Count
Optional Baseplate or Low Profile Heatsink
for Improved Thermal Performance
Header with M3 Metal Inserts for Mechanical
Connection to PCB
Two Year Warranty
Control Functions
Uses Patented Power Supply Control
and Architecture
Microprocessor Controlled
Primary-side Enable, Choice of Logic
Protection Features
Over Temperature Protection
Over Voltage Protection
Over Current Protection
Over/Under Input Voltage Protection
Typical Characteristics
Output Setpoint Accuracy: ± 1%
Load Regulation: ± 0.2%
Line Regulation: ± 0.2%
Regulation over Line, Load, and
Temperature: ± 2%
Low Output Ripple
Output Trim


Similar Part No. - GAMW2V540SMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V040EET GALAXY-GAMW2V040EET Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V040EMT GALAXY-GAMW2V040EMT Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V040EST GALAXY-GAMW2V040EST Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V040MET GALAXY-GAMW2V040MET Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
More results

Similar Description - GAMW2V540SMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com