Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHT2V060PHSRGT001 Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # GHT2V060PHSRGT001
Description  TAURUS HC Series Industry?셲 Highest Efficiency DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHT2V060PHSRGT001 Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  GHT2V060PHSRGT001 Datasheet HTML 1Page - Galaxy Power, Inc. GHT2V060PHSRGT001 Datasheet HTML 2Page - Galaxy Power, Inc. GHT2V060PHSRGT001 Datasheet HTML 3Page - Galaxy Power, Inc. GHT2V060PHSRGT001 Datasheet HTML 4Page - Galaxy Power, Inc. GHT2V060PHSRGT001 Datasheet HTML 5Page - Galaxy Power, Inc. GHT2V060PHSRGT001 Datasheet HTML 6Page - Galaxy Power, Inc. GHT2V060PHSRGT001 Datasheet HTML 7Page - Galaxy Power, Inc. GHT2V060PHSRGT001 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Taurus HC Series, Page 4
Part No. 01–001 Rev. 4.0_082803
WWW.GALAXYPWR.COM
APPLICATION NOTES
Output Over Voltage Protection:
The output voltage is constantly monitored by the
microprocessor and a redundant secondary side
crowbar circuit that is set to a higher trip point than
the microprocessor protection. If the output voltage
exceeds the over-voltage specification, the
microprocessor will latch the converter off. To turn
the converter on requires either cycling the ON/
OFF pin or power to the converter. This advanced
feature prevents the converter from damaging the
load if there is a converter failure or application
error. If non-latching is required, consult factory.
Thermal Shutdown:
The printed circuit board temperature is measured
using a semiconductor sensor. If the maximum
rated temperature is exceeded, the converter is
latched off. To re-enable the converter requires
cycling the ON/OFF pin or power to the converter.
If non-latching shutdown is required, consult
factory.
Control Options:
As the behavior of the circuit is determined by
firmware in the microcontroller, specific customer
requirements such as:
• non-latching thermal protection
• custom valid input voltage range
• controlled delay from initiating an ON/OFF
signal for power sequencing
can be accomplished with no change to hardware.
The standard behavior was chosen based on
system design experience but we understand that
customers often have their own requirements.
Please consult Galaxy Power for your special
needs.
Remote Sense:
The output voltage is regulated at the point where
the sense pins connect to the power output pins.
Total sense compensation should not exceed 0.4V
or 10% of Vout, whichever is greater.
Safety:
An external input fuse must always be used to
meet these safety requirements.
Trim:
To trim the output voltage higher, connect the
required trim resistor from the Trim pin to the
+Sense pin. To trim the output voltage lower,
connect the required trim resistor from the Trim pin
to the –Sense pin. See diagram below.
External Output Trimming
+ Sense
Trim
– Sense
Trim-down (%)
Trim-down
Trim-up (for 3.3V)
RTRIM-DOWN =
100
– 2
k
∆%
{
}
RTRIM-UP =
Vo (100+
∆%)
(100+
2∆%)
k
1.225∆%
∆%
{
}


Similar Part No. - GHT2V060PHSRGT001

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
GHT21-0730-2 JAE-GHT21-0730-2 Datasheet
856Kb / 9P
   Antenna
2021/10/10
GHT21-0731-2 JAE-GHT21-0731-2 Datasheet
666Kb / 9P
   Antenna
2021/10/10
GHT21-0732-2 JAE-GHT21-0732-2 Datasheet
617Kb / 10P
   Antenna
2021/10/10
GHT21-0733-2 JAE-GHT21-0733-2 Datasheet
617Kb / 10P
   Antenna
2021/10/10
GHT21-0734-2 JAE-GHT21-0734-2 Datasheet
619Kb / 9P
   Antenna
2021/10/10
More results

Similar Description - GHT2V060PHSRGT001

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
MKW40 MINMAX-MKW40 Datasheet
456Kb / 9P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI40 MINMAX-MKWI40 Datasheet
413Kb / 8P
   DC/DC CONVERTER 40W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MJW25 MINMAX-MJW25_15 Datasheet
806Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density
MJWI20 MINMAX-MJWI20_15 Datasheet
844Kb / 10P
   DC/DC CONVERTER 20W, Highest Power Density
MKWI40 MINMAX-MKWI40_15 Datasheet
936Kb / 12P
   DC/DC CONVERTER 40W, Highest Power Density
MJW25 MINMAX-MJW25 Datasheet
374Kb / 10P
   DC/DC CONVERTER 25W, Highest Power Density 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com