Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPLW2V5100STRT001 Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # GPLW2V5100STRT001
Description  LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPLW2V5100STRT001 Datasheet(HTML) 6 Page - Galaxy Power, Inc.

  GPLW2V5100STRT001 Datasheet HTML 1Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 2Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 3Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 4Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 5Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 6Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 7Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Leo Series, Page 6
PRELIMINARY
Part No. 99–001 Rev. 4.0–120902
Transient Response
Voltage Ripple
Start-up Waveform
2
Ch1 500mV
Ch2
2.00 V
B
W
B
W
M 4.00ms A
Ch1
300mV
T
1
7.81mV
1.81mV
Ch1
75.0mV
Leo Series OPERATION


Similar Part No. - GPLW2V5100STRT001

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
   Powerline Wireless Extender
GPLWEKIT4 IOGEAR-GPLWEKIT4 Datasheet
165Kb / 3P
   Whole-Home Powerline Wi-Fi Kit
More results

Similar Description - GPLW2V5100STRT001

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
RNLD01U-0XX-120A-150FT LEDTRONICS-RNLD01U-0XX-120A-150FT Datasheet
344Kb / 1P
   RNLD01U-0XX-120A-150FT
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
MacMic
MM120G3T65BM MACMIC-MM120G3T65BM Datasheet
620Kb / 5P
   650V 120A IGBT
logo
Littelfuse
SP1555 LITTELFUSE-SP1555 Datasheet
2Mb / 4P
   SP1555 Series 120A for VBUS
logo
Fairchild Semiconductor
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
   300V, 120A PDP IGBT
logo
Naina Semiconductor ltd...
MBR12045CT NAINA-MBR12045CT Datasheet
137Kb / 2P
   Silicon Schottky Diode, 120A
logo
TRANSYS Electronics Lim...
FSTI12020 TEL-FSTI12020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
logo
PFC Device Inc.
PFR120L150PT-L PFC-PFR120L150PT-L Datasheet
421Kb / 5P
   120A 150V MOS Schottky Rectifier
logo
Rohm
RJ1P07CBH ROHM-RJ1P07CBH Datasheet
2Mb / 13P
   Nch 100V 120A Power MOSFET
20230518 - Rev.003
logo
Bel Fuse Inc.
G7NC-C2A160 BEL-G7NC-C2A160 Datasheet
123Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 10.3 -13.2V Input / Programmable Output / 120A VRM 10.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com