Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPLW2V5100STRT001 Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # GPLW2V5100STRT001
Description  LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPLW2V5100STRT001 Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  GPLW2V5100STRT001 Datasheet HTML 1Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 2Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 3Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 4Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 5Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 6Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 7Page - Galaxy Power, Inc. GPLW2V5100STRT001 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Leo Series, Page 1
PRELIMINARY
Part No. 99–001 Rev. 4.0–120902
The Leo is a 3/4 brick CoolConverter
in the Galaxy family of high-efficiency
DC/DC converters.
Typical Efficiency:
91% at 1.8V, 60A; 88% at 1.8V, 120A
Highest Ripple Frequency, 600kHz,
for Low EMI
Industry Compatible Footprint
Democratic Secondary-side Current Sharing
Ultra High Initial Setpoint Accuracy,
±0.2%
Wide Trim Range, +10 to -70%
Single Pole Transient Response (No Ringing)
Rapid Turn-on from Valid Input Voltage
Two Year Warranty
LEO Series
Industry’s Highest Current DC/DC Converter.
48V or 24V Input, 250W, 120A Output,
3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A
standard with extra wide trim range
Control Functions
Uses Patented Power Supply Control
and Architecture
Primary/Secondary Microprocessor
Controlled
Three Enable Signals Standard for
Maximum Flexibility
Differential Remote Sense
Active High Power-Good Signal
The open frame 3/4 brick Leo
is also available with an optional heatsink.
Protection Features
Over Temperature Protection
Over Voltage Protection
Under Voltage Lockout
Delayed Lockout for Over Input Voltage
Continuous Constant Current Limit
Typical Characteristics
Output Setpoint Accuracy:
±0.2%
Load Regulation:
±0.25%
Line Regulation:
±0.25%
Regulation over Line, Load, and
Temperature:
±1%


Similar Part No. - GPLW2V5100STRT001

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
   Powerline Wireless Extender
GPLWEKIT4 IOGEAR-GPLWEKIT4 Datasheet
165Kb / 3P
   Whole-Home Powerline Wi-Fi Kit
More results

Similar Description - GPLW2V5100STRT001

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
RNLD01U-0XX-120A-150FT LEDTRONICS-RNLD01U-0XX-120A-150FT Datasheet
344Kb / 1P
   RNLD01U-0XX-120A-150FT
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
MacMic
MM120G3T65BM MACMIC-MM120G3T65BM Datasheet
620Kb / 5P
   650V 120A IGBT
logo
Littelfuse
SP1555 LITTELFUSE-SP1555 Datasheet
2Mb / 4P
   SP1555 Series 120A for VBUS
logo
Fairchild Semiconductor
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
   300V, 120A PDP IGBT
logo
Naina Semiconductor ltd...
MBR12045CT NAINA-MBR12045CT Datasheet
137Kb / 2P
   Silicon Schottky Diode, 120A
logo
TRANSYS Electronics Lim...
FSTI12020 TEL-FSTI12020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
logo
PFC Device Inc.
PFR120L150PT-L PFC-PFR120L150PT-L Datasheet
421Kb / 5P
   120A 150V MOS Schottky Rectifier
logo
Rohm
RJ1P07CBH ROHM-RJ1P07CBH Datasheet
2Mb / 13P
   Nch 100V 120A Power MOSFET
20230518 - Rev.003
logo
Bel Fuse Inc.
G7NC-C2A160 BEL-G7NC-C2A160 Datasheet
123Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 10.3 -13.2V Input / Programmable Output / 120A VRM 10.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com