Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAQW1V240PMT Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # GAQW1V240PMT
Description  48V Input, 1.2VDC, 40A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAQW1V240PMT Datasheet(HTML) 6 Page - Galaxy Power, Inc.

  GAQW1V240PMT Datasheet HTML 1Page - Galaxy Power, Inc. GAQW1V240PMT Datasheet HTML 2Page - Galaxy Power, Inc. GAQW1V240PMT Datasheet HTML 3Page - Galaxy Power, Inc. GAQW1V240PMT Datasheet HTML 4Page - Galaxy Power, Inc. GAQW1V240PMT Datasheet HTML 5Page - Galaxy Power, Inc. GAQW1V240PMT Datasheet HTML 6Page - Galaxy Power, Inc. GAQW1V240PMT Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GAQW1V240 – 6
WWW.GALAXYPWR.COM
Part No. 02-GAQ-07 Rev. 2.0 – 041405
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
GAQW1V24o Operation
Back Bias
1) Vout 500mV/div 10mS/div
45
40
35
30
25
20
15
10
5
0
020
30
80
90
Ambient Temperature (°C)
300 LFM
200 LFM
100 LFM
10
40
70
50
60
Thermal Derating
Crosswise Airflow
Over Voltage Protection
1) Vout 500mV/div 200µS/div
Over-current Protection
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
46
52
Output Current (A)
48
50
47
49
51
Note: Over-current protection is blip-mode (aka hiccup).
36V Vin
48V Vin
75V Vin
45
40
35
30
25
20
15
10
5
0
020
30
80
90
Ambient Temperature (°C)
300 LFM
200 LFM
100 LFM
10
40
70
50
60
Thermal Derating
Lengthwise Airflow


Similar Part No. - GAQW1V240PMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW1V540EET GALAXY-GAQW1V540EET Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW1V540EMT GALAXY-GAQW1V540EMT Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW1V540EST GALAXY-GAQW1V540EST Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW1V540MET GALAXY-GAQW1V540MET Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
More results

Similar Description - GAQW1V240PMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
logo
Lineage Power Corporati...
QPW050A0F1 LINEAGEPOWER-QPW050A0F1 Datasheet
570Kb / 22P
   36-75Vdc Input; 1.2Vdc to 3.3Vdc Output
JRW017A0B LINEAGEPOWER-JRW017A0B Datasheet
461Kb / 24P
   36-75Vdc Input; 1.2Vdc to 12Vdc Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com