Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F20M40CT Datasheet(PDF) 3 Page - SemiWell Semiconductor

Part # F20M40CT
Description  20A Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

F20M40CT Datasheet(HTML) 3 Page - SemiWell Semiconductor

  F20M40CT Datasheet HTML 1Page - SemiWell Semiconductor F20M40CT Datasheet HTML 2Page - SemiWell Semiconductor F20M40CT Datasheet HTML 3Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
10
100
0
50
100
150
200
250
300
Reverse Voltage, V
R[V]
0
25
50
75
100
125
150
0
4
8
12
16
20
24
Case Temperature, T
C[]
-
0.1
1
10
100
1000
. Notes
6
1. T
J = 25[
]
-
2. F = 1MHz
3. Vsig = 50mV
P-P
Reverse Voltage, V
R[V]
0
8
16
24
32
40
48
56
0.01
0.1
1
10
T
J=125-
T
J=75-
T
J=25-
Reverse Voltage, V
R[V]
0.2
0.4
0.6
0.8
1.0
0.1
1
10
T
J=125-
T
J=25-
Forward Voltage Drop, V
F[V]
3/3
Fig 1. VF-IF Characteristic
Fig 2. VR-IR Characteristic
Fig 3. Typical Junctiion Capacitance
Fig 4. Forward Current derating Curve
Fig 5. Maximum non-Repetitive forward
Surge current per diode
F20M40CT
F20M40CT
F20M40CT
F20M40CT


Similar Part No. - F20M40CT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
F20 SEMTECH-F20 Datasheet
121Kb / 3P
   RECTIFIER, up to 3kV, 350mA, 250ns
logo
Powerbox
F20 POWERBOX-F20 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F20 RFE-F20 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
NEC
F20 NEC-F20 Datasheet
574Kb / 2P
   New High Speed Decoupling Device Proadlizer PF/A Series
logo
New Jersey Semi-Conduct...
F20 NJSEMI-F20 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results

Similar Description - F20M40CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
   20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
   20A SCHOTTKY BARRIER RECTIFIER
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20100CTP DIODES-MBR20100CTP Datasheet
73Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR2060C UTC-MBR2060C Datasheet
145Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com