Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAMW5V020SMT Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # GAMW5V020SMT
Description  48V Input, 5VDC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW5V020SMT Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  GAMW5V020SMT Datasheet HTML 1Page - Galaxy Power, Inc. GAMW5V020SMT Datasheet HTML 2Page - Galaxy Power, Inc. GAMW5V020SMT Datasheet HTML 3Page - Galaxy Power, Inc. GAMW5V020SMT Datasheet HTML 4Page - Galaxy Power, Inc. GAMW5V020SMT Datasheet HTML 5Page - Galaxy Power, Inc. GAMW5V020SMT Datasheet HTML 6Page - Galaxy Power, Inc. GAMW5V020SMT Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GAMW5V020 – 2
WWW.GALAXYPWR.COM
Part No. 02-GAM-01 Rev. 1.0 – 042805
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
General Specifications
Operating Temperature
–40° C to +100° C
Storage Temperature
–55° C to +125° C
Relative Humidity
10% to 95% RH,
Non-condensing
Vibration
2 to 9Hz, 3mm disp.,
9 to 200Hz, 1g
Material Flammability
UL V-0
Weight
35 grams
MTBF
Telcordia (Bellcore)
TBD
General Specifications
VIN = 48VDC, TA@25° C, 300 LFM Airflow, VOUT=5.0VDC, IOUT = Full Load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management. (See application graphs for limits.)
Input Characteristics
Parameter
Min
Typ
Max
Units
Operating Input Voltage
36
48
75
VDC
Input Current
4A
Input Capacitance
3
µF
Input Hysteresis, Low Line
2
VDC
Output Characteristics
Regulation Over Line, Load & Temperature
4.90
5.10
V
Voltage Ripple
20
mV RMS
Voltage Ripple, 20MHz BW
50
mV P–P
Current Range
0
20
A
Current Limit Inception
20.6
28
A
Short Circuit Current, Peak1
40
A
Output Transient Response, 50% to 75% load change, 1A/µsec2
8%VOUT
Settling Time to ± 1%
200
µS
Turn-on Time to 98%Vnom
35
mS
Output Overshoot at Turn-on
0
%VOUT
Trim Range
70
110
%VOUT
Overvoltage Protection, Latching
130
%VOUT
Isolation
Isolation Test Voltage, Input/Output (Basic)
2250
VDC
Isolation Resistance
10
MΩ
Features
Overtemperature Protection, Thermal Sensor, Latching3
110
° C
Switching Frequency, Fixed
250
kHz
Notes:
1. During short circuit, converter will shut down and attempt to restart once per second.
The average current during this condition will be very low and the device can be safely left in this condition continuously.
2. Limited by output energy storage. For improved performance see Tuned (T) model information.
3. PCB less than 130° C
Approvals and Standards
UL and c-UL Recognized Component, TUV**,
UL60950, CSA 22.2 No. 950, IEC/EN 60950
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR 22, Class B,
and CISPR 24.
** An external fuse shall be used to comply with the requirements.


Similar Part No. - GAMW5V020SMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EET GALAXY-GAMW1V240EET Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EMT GALAXY-GAMW1V240EMT Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EST GALAXY-GAMW1V240EST Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240MET GALAXY-GAMW1V240MET Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
More results

Similar Description - GAMW5V020SMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW5V020 GALAXY-GAQW5V020 Datasheet
805Kb / 7P
   48V Input, 5.0VDC, 20A Output
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
logo
Lineage Power Corporati...
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
logo
Wall Industries,Inc.
DCBOA-48S05UW5 WALL-DCBOA-48S05UW5 Datasheet
274Kb / 4P
   5VDC Single Output
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com