Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPLW3V390MTRT002 Datasheet(PDF) 4 Page - Galaxy Power, Inc.

Part # GPLW3V390MTRT002
Description  LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPLW3V390MTRT002 Datasheet(HTML) 4 Page - Galaxy Power, Inc.

  GPLW3V390MTRT002 Datasheet HTML 1Page - Galaxy Power, Inc. GPLW3V390MTRT002 Datasheet HTML 2Page - Galaxy Power, Inc. GPLW3V390MTRT002 Datasheet HTML 3Page - Galaxy Power, Inc. GPLW3V390MTRT002 Datasheet HTML 4Page - Galaxy Power, Inc. GPLW3V390MTRT002 Datasheet HTML 5Page - Galaxy Power, Inc. GPLW3V390MTRT002 Datasheet HTML 6Page - Galaxy Power, Inc. GPLW3V390MTRT002 Datasheet HTML 7Page - Galaxy Power, Inc. GPLW3V390MTRT002 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Leo Series, Page 4
PRELIMINARY
Part No. 99–001 Rev. 4.0–120902
APPLICATION NOTES
Output Over Voltage Protection:
The output voltage is monitored in two ways, by
the microcontroller which looks at the sensed signal
and a high-speed comparator that measures the
power pins. The microcontroller OVP allows the
OVP circuit to track the trimmed signal. However,
this circuit does not allow OVP signal detection in
the event the voltage sense pins are shorted
together. In that case, a redundant OVP set at a
fixed threshold will prevent excessive voltage.
Thermal shutdown:
The printed circuit board temperature is measured
using a semiconductor sensor. If the maximum
rated temperature is exceeded, the converter is
shutdown until the temperature decreases to 90
degC. The time for this depends on the airflow and
heatsink mass.
Please consult Galaxy Power for your special
needs.
Remote Sense:
The output voltage is regulated at the point where
the sense pins connect to the power output pins.
Total sense compensation should not exceed 0.4V
or 10% of Vout, whichever is greater.
If the unit is trimmed up, the application requires
that, under all conditions including current
transients, the output voltage must be kept less than
the redundant OVP, otherwise the unit will
shutdown.
Safety:
An external input fuse must always be used to
meet these safety requirements.
Trim:
The Leo converter has a novel regulation circuit
that uses a differential measurement technique to
eliminate voltage sense current. To trim the unit up,
a resistor is connected from the trim pin to the
Negative Sense pin. To trim the unit down, a
resistor is connected from the trim pin to the
Positive Sense pin. All models follow these trim
equations:
R
TRIM DOWN
=
2250/D – 30k
R
TRIM UP
=
750/Dk
where D is the percentage of trim (i.e. 10 = 10%).
For example, to trim up 10%, a 75k
Ω resistor
External Output Trimming
would be connected from the trim pin to the
Negative Sense Pin.
Power Good Signal
The Leo generates a power good signal when the
output voltage falls in a 5% window of the nominal
value. The circuit tracks the trimmed voltage. The
circuit has a response time of approximately 1ms.
The output signal is derived from an internal 5V
power bus and can source up to 5mA. If interfacing
to other logic is required, the output can drive a
resistor divider to set a new high level. The voltage
is referenced to the V
O(-) pin.
Transient Response and Stability
The Leo uses a high-bandwidth control to keep
the output voltage in regulation. The crossover
frequency of the Leo is approximately 15kHz
(depending on the model) with greater than 60
degrees of phase margin. The control circuit
maintains high phase margin at lower frequencies
allowing the use of large amounts of external
capacitance to be applies without loss of stability.
If you require a high di/dt solution, Galaxy can
adjust the gain of the control to take advantage of
the on-board capacitance and improve the transient
performance up to 5X the nominal value.
If several Leos are used in parallel with current
sharing, the transient response is improved by the
number of Leos. For example, with two Leos a
60A step will give the same response as a single
Leo with a 30A step, or about 1/2 the peak
over/undershoot.
+ Sense
Trim
– Sense


Similar Part No. - GPLW3V390MTRT002

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
   Powerline Wireless Extender
GPLWEKIT4 IOGEAR-GPLWEKIT4 Datasheet
165Kb / 3P
   Whole-Home Powerline Wi-Fi Kit
More results

Similar Description - GPLW3V390MTRT002

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
RNLD01U-0XX-120A-150FT LEDTRONICS-RNLD01U-0XX-120A-150FT Datasheet
344Kb / 1P
   RNLD01U-0XX-120A-150FT
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
MacMic
MM120G3T65BM MACMIC-MM120G3T65BM Datasheet
620Kb / 5P
   650V 120A IGBT
logo
Littelfuse
SP1555 LITTELFUSE-SP1555 Datasheet
2Mb / 4P
   SP1555 Series 120A for VBUS
logo
Fairchild Semiconductor
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
   300V, 120A PDP IGBT
logo
Naina Semiconductor ltd...
MBR12045CT NAINA-MBR12045CT Datasheet
137Kb / 2P
   Silicon Schottky Diode, 120A
logo
TRANSYS Electronics Lim...
FSTI12020 TEL-FSTI12020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
logo
PFC Device Inc.
PFR120L150PT-L PFC-PFR120L150PT-L Datasheet
421Kb / 5P
   120A 150V MOS Schottky Rectifier
logo
Rohm
RJ1P07CBH ROHM-RJ1P07CBH Datasheet
2Mb / 13P
   Nch 100V 120A Power MOSFET
20230518 - Rev.003
logo
Bel Fuse Inc.
G7NC-C2A160 BEL-G7NC-C2A160 Datasheet
123Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 10.3 -13.2V Input / Programmable Output / 120A VRM 10.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com