Electronic Components Datasheet Search |
|
GPLW2V5100MTRT002 Datasheet(PDF) 1 Page - Galaxy Power, Inc. |
|
GPLW2V5100MTRT002 Datasheet(HTML) 1 Page - Galaxy Power, Inc. |
1 / 8 page Leo Series, Page 1 PRELIMINARY Part No. 99–001 Rev. 4.0–120902 The Leo is a 3/4 brick CoolConverter™ in the Galaxy family of high-efficiency DC/DC converters. Typical Efficiency: 91% at 1.8V, 60A; 88% at 1.8V, 120A Highest Ripple Frequency, 600kHz, for Low EMI Industry Compatible Footprint Democratic Secondary-side Current Sharing Ultra High Initial Setpoint Accuracy, ±0.2% Wide Trim Range, +10 to -70% Single Pole Transient Response (No Ringing) Rapid Turn-on from Valid Input Voltage Two Year Warranty LEO Series Industry’s Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A standard with extra wide trim range Control Functions Uses Patented Power Supply Control and Architecture Primary/Secondary Microprocessor Controlled Three Enable Signals Standard for Maximum Flexibility Differential Remote Sense Active High Power-Good Signal The open frame 3/4 brick Leo is also available with an optional heatsink. Protection Features Over Temperature Protection Over Voltage Protection Under Voltage Lockout Delayed Lockout for Over Input Voltage Continuous Constant Current Limit Typical Characteristics Output Setpoint Accuracy: ±0.2% Load Regulation: ±0.25% Line Regulation: ±0.25% Regulation over Line, Load, and Temperature: ±1% |
Similar Part No. - GPLW2V5100MTRT002 |
|
Similar Description - GPLW2V5100MTRT002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |