Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAQW1V540TMT Datasheet(PDF) 7 Page - Galaxy Power, Inc.

Part # GAQW1V540TMT
Description  48V Input, 1.5VDC, 40A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAQW1V540TMT Datasheet(HTML) 7 Page - Galaxy Power, Inc.

  GAQW1V540TMT Datasheet HTML 1Page - Galaxy Power, Inc. GAQW1V540TMT Datasheet HTML 2Page - Galaxy Power, Inc. GAQW1V540TMT Datasheet HTML 3Page - Galaxy Power, Inc. GAQW1V540TMT Datasheet HTML 4Page - Galaxy Power, Inc. GAQW1V540TMT Datasheet HTML 5Page - Galaxy Power, Inc. GAQW1V540TMT Datasheet HTML 6Page - Galaxy Power, Inc. GAQW1V540TMT Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Part No. 02-GAQ-06 Rev. 3.0 – 041405
WWW.GALAXYPWR.COM
GAQW1V540 – 7
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
ORDERING INFORMATION
Galaxy Power Inc. warrants to the original purchaser that the products conform to this data
sheet and are free from material and workmanship defects for a period of two (2) years from
the date of manufacture, if this product is used within specified conditions. Galaxy Power Inc.
reserves the right to make changes to the product(s) or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any
patent accompany the sale of any such products or information. For additional details on this
limited warranty consult the factory.
Standard Model
Input
Output
Max
Number
Voltage
Voltage
Current
GAQW1V540*
48V
1.5V
40A
* Options:
P= Positive Logic Version; High = On
E= 0.18" Pins (± .01")
M= 0.145" Pins (± .01")
S= 0.12" Pins (± .01")
T= Tuned model**
**T (Tuned Model) Option
Designed for higher di/dt and ∆I applications, the
transient response has been modified to take advan-
tage of the capacitance on the customer's PCB. This
unit requires a minimum load capacitance of 5600µF
with an impedance magnitude of less than 0.005Ω at
15kHz. It offers a minimum 3X improvement in the
peak response compared to a standard unit.
REF.
.270
MIN.
.011
.385
8
BOTTOM VIEW
2.28
.15
.14
2.000
PIN 4
.600
PIN 5
.450
PIN 6
.300
PIN 7
.150
PIN 8
.00
0
PIN 3 .600
PIN 2 .300
PIN 1 0.00
.90
PACKAGE DETAIL
Pin
Function
Pin Dia. (in.)
1+ Input
0.040
2
On/Off
0.040
3– Input
0.040
4– Output
0.060
5– Sense
0.040
6Trim
0.040
7+ Sense
0.040
8+ Output
0.060
Notes:
1. Mechanical tolerances
x.xxx in. = ± 0.005 in.
x.xx in. = ± 0.01 in.
2. Pin material: Brass with tin/lead plating over nickel
3. Workmanship: Meets or exceeds IPC-A-610B Class II
Pin Configuration —Bottom View
Example Part No.:
(All options shown)
GAQW1V540 P S T
Part Number
Options:
Positive Logic Version
Optional Pin Lengths
E = 0.18"
M = 0.145"
S = 0.12"
Tuned Model


Similar Part No. - GAQW1V540TMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EET GALAXY-GAQW1V240EET Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EMT GALAXY-GAQW1V240EMT Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EST GALAXY-GAQW1V240EST Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240MET GALAXY-GAQW1V240MET Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
More results

Similar Description - GAQW1V540TMT

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com