Electronic Components Datasheet Search
Selected language     English  ā–¼


MN6460A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. MN6460A
Description  A/D Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 3 page
background image
For Audio Equipment
MN6460A
Pin Descriptions
Pin No.
Symbol
Function Description
1DVDD
Power supply pin for digital circuits (+5 V)
2
LR-POL
Channel selection pin for stereo operation using two chips.
"H" level: right channel. "L" level: left channel.
3
I-E
Format selection pin. "L" level: signal processing LSI format. "H" level: I2S format.
4
LR-CLK
LRCLK input pin (for stereo operation)
If LR-POL is at "H" level, "H" level: right channel data output.
"L" level, high-impedance state.
If LR-POL is at "L" level, "H" level: high-impedance state.
"L" level, left channel data output.
5
B-CLK
Bit transfer command input (At falling edge signal, a bit transfered)
6
CLR
Clear pin. Active high.
Driving this pin at "H" level clears internal data. Always this internal
data is cleared by feeding a positive pulse to this pin after applying the power.
7
OFCLR
Driving this pin at "L" level enables the offset clear circuit.
8
N.C.
No connection (Leave this pin open.)
9
N.C.
No connection (Leave this pin open.)
10
N.C.
No connection (Leave this pin open.)
11
N.C.
No connection (Leave this pin open.)
12
N.C.
No connection (Leave this pin open.)
13
N.C.
No connection (Leave this pin open.)
14
N.C.
No connection (Leave this pin open.)
15
EXCLK
512 fs input pin
16
CVSS
Ground pin for digital circuits
17
CVDD
Power supply pin for digital circuits (+5 V)
18
N.C.
No connection (Leave this pin open.)
19
N.C.
No connection (Leave this pin open.)
20
AVSS
Ground pin for analog circuits
21
AVDD
Power supply pin for analog circuits (+5 V)
22
VREF
Analog circuit reference voltage input pin (+1.5 V)
23
AG
Analog ground input pin (+2.5 V)
24
AIN
Analog input pin
25
AVDD
Power supply pin for analog circuits (+5 V)
26
AVSS
Ground pin for analog circuits
27
N.C.
No connection (Leave this pin open.)
28
AMPBIAS
Bias voltage adjustment pin for operational amplifier
(Keep this at the same voltage as the AG pin.)
29
N.C.
No connection (Leave this pin open.)
30
N.C.
No connection (Leave this pin open.)
31
N.C.
No connection (Leave this pin open.)




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MN6475AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35502D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35503D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
CS432818-Bit Stereo D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MN88831PCM Audio Decoder LSI for Satellite Broadcasting Tuners Includes Built-In Digital Filter and D/A Converter 1 2 3 4 5 MorePanasonic Semiconductor
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor
LC788618-Bit A/D Converter for Digital Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
SM5865BMD/A Converter for Digital Audio 1 2 3 4 5 MoreNippon Precision Circuits Inc
GP1F351TOptical Mini-Jack for Digital Audio Equipment 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl