Electronic Components Datasheet Search
Selected language     English  ▼


MN6460A Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. MN6460A
Description  A/D Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 4 page
background image
MN6460A
For Auido Equipment
Specifications for DC Offset
An A/D converter usually does not produce digital zero output from analog zero input because the operational
amplifier inside has an offset. The MN6460A, however, has circuitry for correcting this. The shipping inspection
enables this offset correction circuit and confirms that the DC offset is within the lower four bits.
Parameter
Symbol
Test Condition
min
typ
max
Unit
DC offset
OFCLR="H"
±20
mV
OFCLR="L"
±0.6
mV
Electrical Characteristics
Conversion Characteristics
DVDD=5.0V, AVDD=5.0V, VAG=2.5V, VREF=1.5V, fEXCLK=24.576MHz, Ta=25˚C
Parameter
Symbol
Test Condition
min
typ
max
Unit
Signal-to-noise ratio
S/N
EIAJ (1kHz)
85
90
dB
Dynamic range
D.R.
EIAJ (1KHZ)
85
90
dB
Total harmonic
THD+N
EIAJ (1kHz)
0.005
0.010
%
distortion
Pin Descriptions (continued)
Pin No.
Symbol
Function Description
32
TCLK
LSI test clock output pin. (Leave this pin open.)
33
N.C.
No connection (Leave this pin open.)
34
N.C.
No connection (Leave this pin open.)
35
N.C.
No connection (Leave this pin open.)
36
N.C.
No connection (Leave this pin open.)
37
NSUB
Connect this pin to AVDD.
38
N.C.
No connection (Leave this pin open.)
39
DOUT
Serial output pin. Two's complement. MSB first.
40
N.C.
No connection (Leave this pin open.)
41
TEST
LSI test pin. (Connect this pin to DVDD.)
42
DVSS
Ground pin for digital circuits




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MN6475AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35502D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35503D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
CS432818-Bit Stereo D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MN88831PCM Audio Decoder LSI for Satellite Broadcasting Tuners Includes Built-In Digital Filter and D/A Converter 1 2 3 4 5 MorePanasonic Semiconductor
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor
LC788618-Bit A/D Converter for Digital Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
SM5865BMD/A Converter for Digital Audio 1 2 3 4 5 MoreNippon Precision Circuits Inc
GP1F351TOptical Mini-Jack for Digital Audio Equipment 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl