Electronic Components Datasheet Search
Selected language     English  ▼


MN6460A Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. MN6460A
Description  A/D Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 5 page
background image
For Audio Equipment
MN6460A
Application Circuit Example
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
35
36
37
38
39
40
41
42
DV
DD
LR-POL
I-E
LR-CLK
B-CLK
CLR
OFCLR
N.C.
N.C.
N.C.
N.C.(TP0)
N.C.(TP1)
N.C.(TP2)
N.C.(TP3)
EXCLK
CV
SS
CV
DD
N.C.
N.C.
AV
SS
AV
DD
V
REF
AG
AIN
AV
DD
AV
SS
N.C.
AMPBIAS
N.C.
N.C.
N.C.
TCLK
N.C.
N.C.
N.C.
N.C.
NSUB
N.C.
DOUT
N.C.
TEST
DV
SS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
DV
DD
LR-POL
I-E
LR-CLK
B-CLK
CLR
OFCLR
N.C.
N.C.
N.C.
N.C.(TP0)
N.C.(TP1)
N.C.(TP2)
N.C.(TP3)
EXCLK
CV
SS
CV
DD
N.C.
N.C.
AV
SS
AV
DD
V
REF
AG
AIN
AV
DD
AV
SS
N.C.
AMPBIAS
N.C.
N.C.
N.C.
TCLK
N.C.
N.C.
N.C.
N.C.
NSUB
N.C.
DOUT
N.C.
TEST
DV
SS
7
6
5
4
3
2
1
7
6
5
4
3
2
1
1
2
3
4
5
6
7
8
1
14 13 12 11 10
9
8
23
4
5
6
7
HC32
1
14 13 12 11 10
9
8
234
5
6
7
HC32
1
14
13 12 11 10 9
8
2345
67
XTAL.512Fs
1
20 19 18 17
14
15
16
13 12
11
10
9
8
2
34
5 6
7
HC244
1
14
13 12 11 10
9
8
2345
6 7
HC74.D-FF
1
14
15
16
13 12 11 10 9
8
23
4
5
6 7
HC123
1
14
15
16
13 12 11 10
9
8
23
4
5
6 7
HC161.counter
1
14
15
16
13 12 11 10
9
8
23
4
5
67
HC161.counter
100µF
100µF 100µF
100µF
10k
10k
Ω1kΩ
100pF
4.7µF
4.7µF
1000pF
22k
4.7k
10k
0.1µF
100µF
100µF
4.7µF
10µF
10µF
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
4.7µF
330
256Fs
LR-CLK
B-CLK
CLR
OFCLR
SW
10µF
4.7k
4.7µF
4.7µF
4.7µF
10µF
100µF
4.7µF
4.7µF
1000pF
10k
10k
0.1µF
100µF
0.1µF
22k
4.7k
3.3µF
10k
Ω1kΩ
10k
R14
C8
VR4
R15
C13
C41
C41
C37
VR5
C43
C42
C13
R13
R28
R23
C33
C38
C31
C28
C19
R5
R4
R7
R8
VR1
VR2
C17
C18
C14
C41
C41
C26
C5
C41
C3
C5
C19
C7
C15
C16
C22
C23
C44
R18
C41
C41
C33
R16




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MN6475AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35502D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35503D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
CS432818-Bit Stereo D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MN88831PCM Audio Decoder LSI for Satellite Broadcasting Tuners Includes Built-In Digital Filter and D/A Converter 1 2 3 4 5 MorePanasonic Semiconductor
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor
LC788618-Bit A/D Converter for Digital Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
SM5865BMD/A Converter for Digital Audio 1 2 3 4 5 MoreNippon Precision Circuits Inc
GP1F351TOptical Mini-Jack for Digital Audio Equipment 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl