Electronic Components Datasheet Search
Selected language     English  ▼


MN6460A Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MN6460A
Description  A/D Converter for Digital Audio Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

   
 1 page
background image
For Audio Equipment
MN6460A
A/D Converter for Digital Audio Equipment
Overview
The MN6460A is a 16-bit CMOS analog-to-digital
converter designed especially for PCM digital audio
equipment. It features a built-in digital filter. It uses noise
shaping to convert an analog signal to a 16-bit digital
signal.
Incorporating digital filter permits simplification of the
analog filter that normally precedes the A/D converter,
thus greatly reducing the power consumption of the
overall A/D conversion system.
Features
Analog and digital-mixed CMOS LSI
A/D conversion using noise shaping
64-fold oversampling
Built-in digital filter
Sample and hold circuit is unnecessary
Serial output using two's complement code
Built-in offset compensation circuit
Built-in overflow limiter
Single 5-volt power supply (when VREF =1.5 V and
AG=2.5 V)
Applications
DAT players and other digital audio equipment
Pin Assignment
(TOP VIEW)
SSOP042-P-0450
DVDD
LR–POL
I–E
LR–CLK
B–CLK
CLR
OFCLR
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
N.C.
EXCLK
CVSS
CVDD
N.C.
N.C.
AVSS
AVDD
DVSS
TEST
N.C.
DOUT
N.C.
NSUB
N.C.
N.C.
N.C.
N.C.
TCLK
N.C.
N.C.
N.C.
AMPBIAS
N.C.
AVSS
AVDD
AIN
AG
VREF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MN6475AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35502D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN35503D/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
MN6474AD/A Converter for Digital Audio Equipment 1 2 3 4 5 MorePanasonic Semiconductor
CS432818-Bit Stereo D/A Converter for Digital Audio 1 2 3 4 5 MoreCirrus Logic
MN88831PCM Audio Decoder LSI for Satellite Broadcasting Tuners Includes Built-In Digital Filter and D/A Converter 1 2 3 4 5 MorePanasonic Semiconductor
TORX176FIBER OPTIC RECEIVING MODULE FOR DIGITAL AUDIO EQUIPMENT 1 2 3 4 5 MoreToshiba Semiconductor
LC788618-Bit A/D Converter for Digital Audio Applications 1 2 3 4 5 MoreSanyo Semicon Device
SM5865BMD/A Converter for Digital Audio 1 2 3 4 5 MoreNippon Precision Circuits Inc
GP1F351TOptical Mini-Jack for Digital Audio Equipment 1 2 3 4 5 MoreSharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl