Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAMW5V020TST Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part # GAMW5V020TST
Description  48V Input, 5VDC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW5V020TST Datasheet(HTML) 3 Page - Galaxy Power, Inc.

  GAMW5V020TST Datasheet HTML 1Page - Galaxy Power, Inc. GAMW5V020TST Datasheet HTML 2Page - Galaxy Power, Inc. GAMW5V020TST Datasheet HTML 3Page - Galaxy Power, Inc. GAMW5V020TST Datasheet HTML 4Page - Galaxy Power, Inc. GAMW5V020TST Datasheet HTML 5Page - Galaxy Power, Inc. GAMW5V020TST Datasheet HTML 6Page - Galaxy Power, Inc. GAMW5V020TST Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Part No. 02-GAM-01 Rev. 1.0 042805
WWW.GALAXYPWR.COM
GAMW5V020 – 3
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
CoolConverter
Galaxy’s proprietary CoolConverter™ provides:
•Patented single-stage power conversion architecture,
control, and magnetic design allow unprecedented power
density and efficiency in an isolated power supply.
• An advanced microcontroller reduces parts count while
adding features, performance, and flexibility in the design.
•Low common-mode noise as a result of lower capacitance
in the transformer from balanced winding design.
Protection and Control
Valid Input Voltage Range:
The converter measures the input voltage and will
not allow operation outside of the input voltage
specification. As shown by the graphs, hysteresis is
added to both the high and low voltage to prevent
the converter from turning on and off repeatedly
when the voltage is held near either voltage extreme.
At low line this assures the maximum input current is
not exceeded; at high line this assures the semicon-
ductor devices in the converter are not damaged by
excessive voltage stress.
ON/OFF Logic Option:
The ON/OFF control logic can be either Negative
(standard) or Positive to enable the converter. For
Negative logic the ON/OFF pin is brought to below
1.0V with respect to the –INPUT pin to enable the
converter. The pull down must be able to sink
100µA. For Positive logic the ON/OFF pin is brought
to greater than 4.0V with respect to the –INPUT pin
and be limited to less than 10V. To request the
Positive logic version, add the suffix (P) to the stan-
dard part number. The ON/OFF pin has a built-in pull
up resistor of approximately 100kΩ to +5V.
Application Notes
Undervoltage Hysteresis
1.0
0
30
34
37
Input Voltage (V)
36
32
33
35
31
Overvoltage Hysteresis
1.0
0
76.5
78.5
80.5
Input Voltage (V)
79.5
77.5
78
80
79
77


Similar Part No. - GAMW5V020TST

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EET GALAXY-GAMW1V240EET Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EMT GALAXY-GAMW1V240EMT Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240EST GALAXY-GAMW1V240EST Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240MET GALAXY-GAMW1V240MET Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
More results

Similar Description - GAMW5V020TST

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW5V020 GALAXY-GAQW5V020 Datasheet
805Kb / 7P
   48V Input, 5.0VDC, 20A Output
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
logo
Lineage Power Corporati...
QW010A0A1-H LINEAGEPOWER-QW010A0A1-H Datasheet
315Kb / 5P
   36 - 75Vdc Input; 1.0Vdc to 5Vdc Output; 10A to 20A Output current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
   36??5Vdc Input; 12.0Vdc Output; 6A Output Current
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
logo
Wall Industries,Inc.
DCBOA-48S05UW5 WALL-DCBOA-48S05UW5 Datasheet
274Kb / 4P
   5VDC Single Output
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com