Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAQW1V540EST Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # GAQW1V540EST
Description  48V Input, 1.5VDC, 40A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAQW1V540EST Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  GAQW1V540EST Datasheet HTML 1Page - Galaxy Power, Inc. GAQW1V540EST Datasheet HTML 2Page - Galaxy Power, Inc. GAQW1V540EST Datasheet HTML 3Page - Galaxy Power, Inc. GAQW1V540EST Datasheet HTML 4Page - Galaxy Power, Inc. GAQW1V540EST Datasheet HTML 5Page - Galaxy Power, Inc. GAQW1V540EST Datasheet HTML 6Page - Galaxy Power, Inc. GAQW1V540EST Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Part No. 02-GAQ-06 Rev. 3.0 – 041405
WWW.GALAXYPWR.COM
GAQW1V540 – 1
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
The Aquarius Series is the
highest power eighth-brick DC/DC
converter in the industry.
Industry Standard Pinout and Footprint
No Heat Sink Required
Very Low Common-mode Noise for a
Commercial DC/DC Converter
Two-stage Input Filter
Constant Switching Frequency
Remote Sense
Single Board Design
Very Low Parts Count
Two Year Warranty
Control Functions
Uses Patented Power Supply Control
and Architecture
Microprocessor Controlled
Primary-side Enable, Choice of Logic
Protection Features
Over Temperature Protection
Over Voltage Protection
Over Current Protection
Over/Under Input Voltage Protection
Typical Characteristics
Output Setpoint Accuracy: ± 1%
Load Regulation: ± 0.2%
Line Regulation: ± 0.2%
Regulation over Line, Load, and
Temperature: ± 2%
Low Output Ripple
Output Trim
Aquarius
48V Input, 1.5VDC, 40A Output
The Aquarius Series of eighth-
brick DC/DC converters in
Galaxy's CoolConverter™ line
provides both exceptional
performance and high density.
GAQW1V540 Features:
48V Input
1.5VDC, 40A Output
High Efficiency:
85% at 1.5V, 40A
87% at 1.5V, 20A
ISO 9001 CERTIFIED ORGANISATION
®
Certified to ISO 9001:2000
Eighth-brick
Eighth-brick
Eighth-brick
Quarter-brick
Quarter-brick
Half-brick
Half-brick
SIP
SIP
3-Quarter-brick
3-Quarter-brick


Similar Part No. - GAQW1V540EST

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EET GALAXY-GAQW1V240EET Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EMT GALAXY-GAQW1V240EMT Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240EST GALAXY-GAQW1V240EST Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAQW1V240MET GALAXY-GAQW1V240MET Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
More results

Similar Description - GAQW1V540EST

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V540 GALAXY-GAMW2V540 Datasheet
981Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
GAMW5V020 GALAXY-GAMW5V020 Datasheet
973Kb / 7P
   48V Input, 5VDC, 20A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com