Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDW2V520RPSRT001 Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # GPDW2V520RPSRT001
Description  DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPDW2V520RPSRT001 Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  GPDW2V520RPSRT001 Datasheet HTML 1Page - Galaxy Power, Inc. GPDW2V520RPSRT001 Datasheet HTML 2Page - Galaxy Power, Inc. GPDW2V520RPSRT001 Datasheet HTML 3Page - Galaxy Power, Inc. GPDW2V520RPSRT001 Datasheet HTML 4Page - Galaxy Power, Inc. GPDW2V520RPSRT001 Datasheet HTML 5Page - Galaxy Power, Inc. GPDW2V520RPSRT001 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dorado, Page 2
Part No. 01-002 Rev. 1.0–110802
PRODUCT PREVIEW
General Specifications
Operating Temperature
-40
°C to +100°C
Storage Temperature
-55
°C to +125°C
Relative Humidity
10% to 95% RH,
Non-condensing
Vibration
2 to 9Hz, 3mm disp.,
9 to 200Hz 1g
Material Flammability
UL V-0
Weight
30 grams
MTBF
Telcordia (Bellcore)
2,000,000 hours
General Specifications
VIN = 48VDC, TA@25°C, 300 LFM Airflow, VOUT = 3.3V, IOUT = full load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management. (See application graphs for limits.)
Input Characteristics
Parameter
Min
Typ
Max
Units
Operating Input Voltage
36
48
75
VDC
Input Current
4A
Input Capacitance
2
µF
Input Hysteresis, Low Line
2
VDC
Output Characteristics
Regulation Over Line, Load & Temperature
98
102
%VNOM
Voltage Ripple
20
mV RMS
Voltage Ripple, 20MHz BW
100
mV P–P
Current Range
0
20
A
Current Limit Inception
22
27
A
Short Circuit Current, Peak (see Note below)
30
A
Output Transient Response, 50% to 75% load change, 1A/
µsec
5
%VOUT
Settling Time to
±1%
300
µS
Turn-on Time to 98%Vnom
30
mS
Output Overshoot at Turn-on
1
%VOUT
Trim Range
60
110
%VOUT
Overvoltage Protection, Latching
130
%VOUT
Isolation
Isolation Test Voltage, Input/Output (Basic)
2000
VDC
Isolation Resistance
10
M
Features
Overtemperature Protection, Thermal Sensor, Latching*
117
°C
Switching Frequency, Fixed
300
kHz
Notes: During short circuit, converter will shut down and attempt to restart once per second. The average current during this
condition will be very low and the device can be safely left in this condition continuously. For specific output voltage
specifications, see the corresponding detailed data sheet.
*PCB less than 130
°C
Approvals and Standards
UL and c-UL Recognized Component, TUV,
UL60950, CSA 22.2 No. 950, IEC/EN 60950**
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR 22, Class B,
and CISPR 24.
** An external fuse shall be used to comply with the
requirements.


Similar Part No. - GPDW2V520RPSRT001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GPD MACOM-GPD Datasheet
265Kb / 4P
   GP/ML/TR series 10 Amp Control Relay
logo
Good Will Instrument Co...
GPD-2303S GWINSTEK-GPD-2303S Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
GPD-3303D GWINSTEK-GPD-3303D Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
GPD-4303S GWINSTEK-GPD-4303S Datasheet
2Mb / 2P
   MULTIPLE OUTPUT PROGRAMMABLE LINEAR D.C. POWER SUPPLY
logo
List of Unclassifed Man...
GPD2846A ETC2-GPD2846A Datasheet
484Kb / 4P
   The GPD2846A is an integrated MP3 player IC with FM radio and Line In features with 2W mono amplifie, maximum output 3W
More results

Similar Description - GPDW2V520RPSRT001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
Galaxy Power, Inc.
GPLW5V060 GALAXY-GPLW5V060 Datasheet
851Kb / 8P
   LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Bel Fuse Inc.
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com