Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPLW3V390STRT002 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GPLW3V390STRT002
Description  LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPLW3V390STRT002 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GPLW3V390STRT002 Datasheet HTML 1Page - Galaxy Power, Inc. GPLW3V390STRT002 Datasheet HTML 2Page - Galaxy Power, Inc. GPLW3V390STRT002 Datasheet HTML 3Page - Galaxy Power, Inc. GPLW3V390STRT002 Datasheet HTML 4Page - Galaxy Power, Inc. GPLW3V390STRT002 Datasheet HTML 5Page - Galaxy Power, Inc. GPLW3V390STRT002 Datasheet HTML 6Page - Galaxy Power, Inc. GPLW3V390STRT002 Datasheet HTML 7Page - Galaxy Power, Inc. GPLW3V390STRT002 Datasheet HTML 8Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Leo Series, Page 5
PRELIMINARY
Part No. 99–001 Rev. 4.0–120902
Efficiency
GPLW1V5120
94
92
90
88
86
84
82
80
0
20
40
60
80
100
120
Load Current (A)
36V Vin
48V Vin
60V Vin
Efficiency
GPLW2V5100
94
92
90
88
86
84
82
80
0
20
40
60
80
100
Load Current (A)
36V Vin
48V Vin
60V Vin
Efficiency
GPLW3V3090
94
92
90
88
86
84
82
80
020
40
60
80
Load Current (A)
36V Vin
48V Vin
60V Vin
36V Vin
48V Vin
60V Vin
20
60
40
80
100
120
45
40
35
30
25
20
15
10
5
0
GPLW1V5120
36V Vin
48V Vin
60V Vin
20
100
60
40
80
35
30
25
20
15
10
5
0
GPLW2V5100
36V Vin
48V Vin
60V Vin
20
60
40
80
35
30
25
20
15
10
5
0
GPLW3V3090
Leo Series OPERATION


Similar Part No. - GPLW3V390STRT002

ManufacturerPart #DatasheetDescription
logo
IOGEAR
GPLWE150 IOGEAR-GPLWE150 Datasheet
146Kb / 2P
   Powerline Wireless Extender
GPLWEKIT4 IOGEAR-GPLWEKIT4 Datasheet
165Kb / 3P
   Whole-Home Powerline Wi-Fi Kit
More results

Similar Description - GPLW3V390STRT002

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
RNLD01U-0XX-120A-150FT LEDTRONICS-RNLD01U-0XX-120A-150FT Datasheet
344Kb / 1P
   RNLD01U-0XX-120A-150FT
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
MacMic
MM120G3T65BM MACMIC-MM120G3T65BM Datasheet
620Kb / 5P
   650V 120A IGBT
logo
Littelfuse
SP1555 LITTELFUSE-SP1555 Datasheet
2Mb / 4P
   SP1555 Series 120A for VBUS
logo
Fairchild Semiconductor
FGPF120N30 FAIRCHILD-FGPF120N30 Datasheet
885Kb / 7P
   300V, 120A PDP IGBT
logo
Naina Semiconductor ltd...
MBR12045CT NAINA-MBR12045CT Datasheet
137Kb / 2P
   Silicon Schottky Diode, 120A
logo
TRANSYS Electronics Lim...
FSTI12020 TEL-FSTI12020 Datasheet
145Kb / 2P
   SCHOTTKY DIODES MODULE TYPE 120A
logo
PFC Device Inc.
PFR120L150PT-L PFC-PFR120L150PT-L Datasheet
421Kb / 5P
   120A 150V MOS Schottky Rectifier
logo
Rohm
RJ1P07CBH ROHM-RJ1P07CBH Datasheet
2Mb / 13P
   Nch 100V 120A Power MOSFET
20230518 - Rev.003
logo
Bel Fuse Inc.
G7NC-C2A160 BEL-G7NC-C2A160 Datasheet
123Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS 10.3 -13.2V Input / Programmable Output / 120A VRM 10.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com