Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHPC5V020EET002L Datasheet(PDF) 7 Page - Galaxy Power, Inc.

Part # GHPC5V020EET002L
Description  Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GHPC5V020EET002L Datasheet(HTML) 7 Page - Galaxy Power, Inc.

  GHPC5V020EET002L Datasheet HTML 1Page - Galaxy Power, Inc. GHPC5V020EET002L Datasheet HTML 2Page - Galaxy Power, Inc. GHPC5V020EET002L Datasheet HTML 3Page - Galaxy Power, Inc. GHPC5V020EET002L Datasheet HTML 4Page - Galaxy Power, Inc. GHPC5V020EET002L Datasheet HTML 5Page - Galaxy Power, Inc. GHPC5V020EET002L Datasheet HTML 6Page - Galaxy Power, Inc. GHPC5V020EET002L Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Pisces Series, Page 7
Part No. 99-002 Rev. 4.0–093003
WWW.GALAXYPWR.COM
Heatsink Part Numbers
Part
Typical Thermal Performance
Number
Height
Natural Convection
Forced Convection
Power Dissipation*
Thermal Resistance**
001
0.25"
5W
5.8
°C/W
002
0.50"
7W
3.2
°C/W
003
1.00"
11W
2.0
°C/W
004
0.13"
TBD
TBD
005
0.70"
TBD
TBD
*@ 60
°C rise heatsink to ambient
** @ 300'/min.
ORDERING INFORMATION
Galaxy Power Inc. warrants to the original purchaser that the products conform to this data
sheet and are free from material and workmanship defects for a period of two (2) years from
the date of manufacture, if this product is used within specified conditions. Galaxy Power Inc.
reserves the right to make changes to the product(s) or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any
patent accompany the sale of any such products or information. For additional details on this
limited warranty consult the factory.
Standard Model
Output
Max
Typical Efficiency
Number
Voltage
Current
Half Load
Full Load
48V Input Models (Designated W)
GHPW5V020*
5.0V
20A
91%
90%
GHPW3V330*
3.3V
30A
92%
90%
GHPW2V530*
2.5V
30A
90%
87%
GHPW2V030*
2.0V
30A
89%
85%
GHPW1V830*
1.8V
30A
88%
84%
GHPW1V530*
1.5V
30A
86%
82%
Standard Model
Output
Max
Typical Efficiency
Number
Voltage
Current
Half Load
Full Load
24V Input Models (Designated C)
GHPC5V020*
5.0V
20A
90%
88%
GHPC3V330*
3.3V
30A
91%
89%
GHPC2V530*
2.5V
30A
89%
86%
GHPC2V030*
2.0V
30A
88%
84%
GHPC1V830*
1.8V
30A
87%
83%
GHPC1V530*
1.5V
30A
85%
81%
* Options:
P= Positive Logic Version; High = On
E= 0.18" Pins (
±0.01")
M= 0.145" Pins (
±0.01")
S= 0.12" Pins (
±0.01")
R= Heatsink Ready
T= Tuned model**
L= Low Profile (0.465" height – open frame only)
**T (Tuned Model) Option
Designed for higher di/dt and
∆I applications, the
transient response has been modified to take advantage
of the capacitance on the customer's PCB. This unit
requires a minimum load capacitance of 5600
µF with an
impedance magnitude of less than 0.005
Ω at 15kHz. It
offers a minimum 3X improvement in the peak response
compared to a standard unit.
© Copyright 2003 Galaxy Power. Specifications subject to change without notice.
155 Flanders Road
Westborough, MA 01581
508-870-9775
Fax: 508-870-9796
e–mail: galaxy@galaxypwr.com
website: http://www.galaxypwr.com
Options Code:
(All options shown)
GHPW 3V330 P S R T 00X L
Part Number
(from chart above)
Options:
Positive Logic Version
Optional Pin Lengths
E = 0.18"
M = 0.145"
S = 0.12"
Heatsink-ready
Tuned Model
Heatsink
001 = 0.25"
002 = 0.50"
003 = 1.00"
004 = 0.13"
005 = 0.70"
Low Profile (0.465" height)
Ordering Information
Example Part No.:
GHPW3V330
48V input
3.3V@ 30A output
Negative Logic
0.20" Pin Length
Open Frame


Similar Part No. - GHPC5V020EET002L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP12003R3S IRF-GHP12003R3S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005D IRF-GHP12005D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12005S IRF-GHP12005S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12006S IRF-GHP12006S Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP12012D IRF-GHP12012D Datasheet
459Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - GHPC5V020EET002L

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
logo
Galaxy Power, Inc.
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Galaxy Power, Inc.
GLDW34V03 GALAXY-GLDW34V03 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com